Electronic Components Datasheet Search
  English  ▼

X  

MAX22505 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX22505
Description  Derives Power From a USB Host
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22505 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX22505 Datasheet HTML 1Page - Maxim Integrated Products MAX22505 Datasheet HTML 2Page - Maxim Integrated Products MAX22505 Datasheet HTML 3Page - Maxim Integrated Products MAX22505 Datasheet HTML 4Page - Maxim Integrated Products MAX22505 Datasheet HTML 5Page - Maxim Integrated Products MAX22505 Datasheet HTML 6Page - Maxim Integrated Products MAX22505 Datasheet HTML 7Page - Maxim Integrated Products MAX22505 Datasheet HTML 8Page - Maxim Integrated Products MAX22505 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX22505
MAX22505 Evalution Kit
MAX22505 EV Kit Bill of Materials
ITEM REF_DES
DNI/
DNP QTY
MFG
PART # MFG
VALUE
DESCRIPTION
1
C1, C7, C10, C101,
C107, C109, C110,
C207
-
8
CL10B10
5KP8NN
NC
Samsung
1UF
CAPACITOR; SMT (0603); CERAMIC CHIP; 1UF;
10V; TC=X7R
2
C2, C5, C102, C105,
C202, C205
-
6
R71H104
KA57D
Murata
0.1UF
CAPACITOR; SMT (0603); CERAMIC CHIP; 0.1UF;
50V; TC=X7R
3 C4, C104
-
2
R71H472
KA01D
Murata
4700PF
CAPACITOR; SMT (0603); CERAMIC CHIP;
4700PF; 50V; TC=C0G
4 C6, C106, C206
-
3
R71H475
KA12L
Murata
4.7UF
CAPACITOR; SMT; 1206; CERAMIC; 4.7uF; 50V;
X7R
5 C8, C108, C208
-
3
04K8RA
CTU
Kemet
0.1UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 0.1UF;
10V; TC=X7R
6 C9, C209
-
2
R71C475
KA73L
Murata
4.7UF
CAPACITOR; SMT (0805); CERAMIC CHIP; 4.7UF;
16V; TC=X7R
7 C11, C111
-
2
R71H105
KA88L
Murata
1UF
CAPACITOR; SMT (1206); CERAMIC CHIP; 1UF;
50V; TC=X7R
8
C12, C13, C112,
C113
-
4
R71C106
KA01L
Murata
10UF
CAPACITOR; SMT (1210); CERAMIC CHIP; 10UF;
16V; MODEL=X7R
9 C201
-
1
FK1E101
XP
Panasonic
100UF
CAPACITOR; SMT (XXXX); ALUM; 100UF; 25V
10
D1, D3, D101, D103,
D201, D203
-
6
D5V0M1
U2S9-7
Diodes Inc
5.5V
DIODE; TVS; SOD923; VWM=5.5V; VC=11V
11 D2, D102, D202
-
3
7
Doides Inc
85V
DIODE; TVS; SOT363; VWM=85V
12 D5, D105
-
2
MB1S
Fairchild
100V
IP=0.5A
13 D6, D106, D206
-
3
SMAJ40
CA-13-F Diodes Inc
40V
DIODE; TVS; SMA; VWM=40V
14
JU1, JU2, JU101,
JU102, JU201
-
5
2.2E+07 Molex
22284363 CONN HDR; 100<IL; PINS=2
15 JU3, JU103, JU202
-
3
2.2E+07 Molex
22284363 CONN HDR; 100<IL; PINS=3
16
L1, L2, L101. L102,
L201, L202
-
6
N20NJ00
D
Murata
20nH
INDUCTOR; SMT (0603); FERRITE; 20NH;
160MOHM; 550MA
17
LED1, LED3,
LED101, LED103,
LED201, LED203
-
6
SML-
P12UTT8
6
Rohm
SML-
P12UTT86 LED; 0402; RED CLEAR; 10MA
18
LED2, LED102,
LED202
-
3
P12PTT8
6
Rohm
SML-
P12PTT86 LED; 0402; GRN CLEAR; 10MA
19 P1, P101, P202
-
3
004-90-
000000
Mill-Max
897-43-004-
90-000000
CONNECTOR; THROUGH HOLE; USB YTPE B;
RECEPTACLE; RIGHT ANGLE; 4PINS
20 P2, P102, P201
-
3
004-00-
000000
Mill-Max
896-43-004-
00-000000
CONNECTOR; SMT; USB YTPE A; RECEPTACLE;
RIGHT ANGLE; 4PINS
21 Q1-Q4, Q201-Q204
-
8
NH6327X
TSA1
Infineon
H6327XTS
A1
TRAN; MOSFET; NCH; SC59; I-(-2.3A); V-(-60V)
22 R1, R101
-
2
8ENF100
2V
Panasonic
10K OHM RESISTOR; 1206; 10K OHM; 1%; 0.25W
23 R3, R103, R203
-
3
AS12J1R
00ET
Ohmite
1 OHM
RESISTOR, 1206, 1 OHM,5%, 0.5W; SURGE
24 R4
-
1
8CWFR0
50V
Panasonic
0.05 OHM RESISTOR; 1206; 0.05OHM; 1%; 1W
25 R5, R105
-
2
2RKF309
2X
Panasonic
30.9K
OHM
RESISTOR, 0402, 30.9K OHM, 1%, 0.1W
26 R6, R106
-
2
2RKF102
2X
Panasonic
10.2K
OHM
RESISTOR, 0402, 10.2K OHM, 1%, 0.10W
27
R7, R10, R107,
R110, R207, R210
-
6
2RKF100
2X
Panasonic
10K OHM RESISTOR; 0402; 10.0K; 1%; 0.10W
28
R8, R9, R11, R108,
R109, R111, R208,
R209, R211
-
9
ERJ-
2RKF301
1X
Panasonic
3.01K
OHM
RESISTOR; 0402; 3.01K OHM; 1%; 0.10W
29 R104
-
1
06R200F
KEA
Vishay
0.2 OHM
RESISTOR; 1206; 0.20OHM; 1%; 0.5W
30 R204
-
1
8CWFR0
25V
Panasonic
0.025 OHM RESISTOR; 1206; 0.025 OHM; 1%; 1W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com