Electronic Components Datasheet Search
  English  ▼

X  

MAX22444 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX22444
Description  Broad Range of Data Transfer Rates (from DC to 200Mbps)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22444 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX22444 Datasheet HTML 1Page - Maxim Integrated Products MAX22444 Datasheet HTML 2Page - Maxim Integrated Products MAX22444 Datasheet HTML 3Page - Maxim Integrated Products MAX22444 Datasheet HTML 4Page - Maxim Integrated Products MAX22444 Datasheet HTML 5Page - Maxim Integrated Products MAX22444 Datasheet HTML 6Page - Maxim Integrated Products MAX22444 Datasheet HTML 7Page - Maxim Integrated Products MAX22444 Datasheet HTML 8Page - Maxim Integrated Products MAX22444 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX22444–MAX22446
MAX22444–MAX22446 Evaluation Kits
CONNECTOR
U1 DEVICE
MAX22444
B/C/E/F
MAX22444
M/N
MAX22445
B/C/E/F
MAX22445
M/N
MAX22445
R/S/U/V
MAX22446
B/C/E/F
MAX22446
M/N
SIDE A
A1 (SMA)
IN1
IN1
IN1
IN1
IN1
IN1
IN1
A2 (SMA)
IN2
IN2
IN2
IN2
IN2
IN2
IN2
A3 (SMA)
IN3
IN3
IN3
IN3
IN3
OUT3
OUT3
A4 (SMA)
IN4
IN4
OUT4
OUT4
OUT4
OUT4
OUT4
J3 PIN 7, J5 PIN 2
ENA
DEFA
ENA
DEFA
ENA
ENA
DEFA
SIDE B
B1 (SMA)
OUT1
OUT1
OUT1
OUT1
OUT1
OUT1
OUT1
B2 (SMA)
OUT2
OUT2
OUT2
OUT2
OUT2
OUT2
OUT2
B3 (SMA)
OUT3
OUT3
OUT3
OUT3
OUT3
IN3
IN3
B4 (SMA)
OUT4
OUT4
IN4
IN4
IN4
IN4
IN4
J4 PIN 7, J6 PIN 2
ENB
DEFB
ENB
DEFB
ENB
ENB
DEFB
*Default configuration
Table 2. MAX2244XW EV Kits Board Connectors and Shunt Positions (continued)
Table 3. MAX2244XW EV Kits Connector Configurations
CONNECTOR SHUNT POSITION
DESCRIPTION
SIDE B
J4
1
Test point or input header for VDDB
2
Test point or input header for GNDB
3
Test point or input header for I/O; same as B1 SMA
4
Test point or input header for I/O; same as B2 SMA
5
Test point or input header for I/O; same as B3 SMA
6
Test point or input header for I/O; same as B4 SMA
7
Test point or input header for side B enable, or default control; same as J6 pin 2
8
Test point or input header for GNDB
B1 (SMA)
n/a
I/O on side B
B2 (SMA)
n/a
I/O on side B
B3 (SMA)
n/a
I/O on side B
B4 (SMA)
n/a
I/O on side B
J2
Open
Use current meter to measure current of side B
1-2*
Connect power supply to VDDB
J6
1-2*
Connect side B enable pin ENB or default control pin DEFB to VDDB; If U1 is installed with
MAX2244_B/C/E/F/R/S/U/V, outputs are enabled when ENB is connected to VDDB. If U1
is installed with MAX2244_M/N, output default is set to high when DEFB is connected to
VDDB. Default setting on MAX22445FWEVKIT#
2-3
Connect side B enable pin ENB or default control pin DEFB to GNDB; If U1 is installed with
MAX2244_B/C/E/F/R/S/U/V, outputs are high-impedance when ENB is connected to GNDB. If U1
is installed with MAX2244_M/N, output default is set to low when DEFB is connected to GNDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com