Electronic Components Datasheet Search
  English  ▼

X  

MAX22245 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX22245
Description  Broad Range of Data Transfer Rates (from DC to 200Mbps)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22245 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX22245 Datasheet HTML 1Page - Maxim Integrated Products MAX22245 Datasheet HTML 2Page - Maxim Integrated Products MAX22245 Datasheet HTML 3Page - Maxim Integrated Products MAX22245 Datasheet HTML 4Page - Maxim Integrated Products MAX22245 Datasheet HTML 5Page - Maxim Integrated Products MAX22245 Datasheet HTML 6Page - Maxim Integrated Products MAX22245 Datasheet HTML 7Page - Maxim Integrated Products MAX22245 Datasheet HTML 8Page - Maxim Integrated Products MAX22245 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Evaluate: MAX22245/MAX22246
MAX22245/MAX22246 Evaluation Kits
General Description
The MAX22245/MAX22246 evaluation kits (EV kits)
provide a proven design to evaluate the MAX22245
and MAX22246, reinforced, two-channel, galvanic digi-
tal isolators. Two types of evaluation boards are avail-
able to support the MAX22245/MAX22246 family. The
MAX22246CWEVKIT# is fully assembled and tested and
comes populated with the MAX22246CAWA+ (Figure 1).
The MAX2224XWEVKIT# is a generic board which has
U1 unpopulated allowing the user to select a device from
the MAX22245/MAX22246 family (Figure 2). Both evalu-
ation boards support the wide-body 8-pin SOIC package
type. See Table 1 for EV kit options.
The EV kits should be powered from two independent
isolated power supplies with nominal output voltage in
range from 1.71V to 5.5V. For evaluating the electrical
parameters of the device without any isolation between
the two sides, a single power supply can also be used.
The MAX2224XWEVKIT# comes with U1 unpopulated and
supports the following digital isolators: MAX22245BAWA+,
MAX22245CAWA+,MAX22245EAWA+,MAX22245FAWA+,
MAX22246BAWA+,MAX22246CAWA+,MAX22246EAWA+,
MAX22246FAWA+.
Note: When ordering the MAX2224XW EV kit, request a
sample of the desired MAX22245 or MAX22246 isolator
IC that can be soldered to the PCB.
Features
● Broad Range of Data Transfer Rates (from DC to
200Mbps)
● MAX22245 with 2:0 Channel Configuration and
MAX22246 with 1:1 Channel Configuration
● SMA Connectors for Easy Connection to External
Equipment
● Wide Power Supply Voltage Range from 1.71V
to 5.5V
● Guaranteed up to 5kVRMS Isolation for 60s
● -40°C to +125°C Temperature Range
● Proven PCB Layout
319-100536; Rev 0; 5/20
Ordering Information appears at end of data sheet.
Table 1. EV Kit Options
EV KIT PART NUMBER
TARGET DEVICE
PACKAGE TYPE
COMMENT
MAX22246CWEVKIT#
MAX22246CAWA+
8-SOIC Wide Body
200Mbps IC Populated
MAX2224XWEVKIT#
Not populated
8-SOIC Wide Body
Request Samples of Target Device from Maxim
Click
here for production status of specific part numbers.


Similar Part No. - MAX22245

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX22245 MAXIM-MAX22245 Datasheet
972Kb / 22P
Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
Rev 1; 9/20
More results

Similar Description - MAX22245

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX12934FWEVKIT MAXIM-MAX12934FWEVKIT Datasheet
1Mb / 9P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
2017
MAX12935BWEVKIT MAXIM-MAX12935BWEVKIT Datasheet
1Mb / 9P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 11/17
MAX12935FWEVKIT MAXIM-MAX12935FWEVKIT Datasheet
1Mb / 9P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 11/17
MAX14434FWEVKIT MAXIM-MAX14434FWEVKIT Datasheet
1Mb / 11P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 7/17
MAX14436FWEVKIT MAXIM-MAX14436FWEVKIT Datasheet
1Mb / 11P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 7/17
MAX14430FSEVKIT MAXIM-MAX14430FSEVKIT Datasheet
1Mb / 11P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 3; 9/20
MAX12934BWEVKIT MAXIM-MAX12934BWEVKIT Datasheet
1Mb / 9P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 1; 8/20
MAX12931BSEVKIT MAXIM-MAX12931BSEVKIT Datasheet
4Mb / 20P
Broad Range of Data Transfer Rates (from DC to 150Mbps)
Rev 0; 6/16
MAX22445FWEVKIT MAXIM-MAX22445FWEVKIT Datasheet
1Mb / 12P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 3/18
MAX22345CSEVKIT MAXIM-MAX22345CSEVKIT Datasheet
1Mb / 12P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 1; 10/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com