Electronic Components Datasheet Search
  English  ▼

X  

AH375 Datasheet(PDF) 2 Page - Anachip Corp

Part # AH375
Description  Single Phase Hall Effect Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH375 Datasheet(HTML) 2 Page - Anachip Corp

  AH375 Datasheet HTML 1Page - Anachip Corp AH375 Datasheet HTML 2Page - Anachip Corp AH375 Datasheet HTML 3Page - Anachip Corp AH375 Datasheet HTML 4Page - Anachip Corp AH375 Datasheet HTML 5Page - Anachip Corp AH375 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AH375
Single Phase Hall Effect Latch
Anachip Corp.
www.anachip.com.tw
Rev.1.3 Jan. 09, 2006
2/6
Typical Application Circuit
+12V
U1
AH375
Vdd
1
GND
2
OUTPUT
3
Q1
NPN
Q2
NPN
R1
2K
R2
3K
D1
+ C1
0.47uF
+ C2
0.47uF
L1
L2
Brush-less DC Fan
Functional Block Diagrams
Regulator
Hall
plate
Amp
2
GND
OUT
3
2
Vdd
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com