Electronic Components Datasheet Search
  English  ▼

X  

LTC4365 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4365
Description  65V Dual Electronic Circuit Breaker with Current Monitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4365 Datasheet(HTML) 3 Page - Analog Devices

  LTC4365 Datasheet HTML 1Page - Analog Devices LTC4365 Datasheet HTML 2Page - Analog Devices LTC4365 Datasheet HTML 3Page - Analog Devices LTC4365 Datasheet HTML 4Page - Analog Devices LTC4365 Datasheet HTML 5Page - Analog Devices LTC4365 Datasheet HTML 6Page - Analog Devices LTC4365 Datasheet HTML 7Page - Analog Devices LTC4365 Datasheet HTML 8Page - Analog Devices LTC4365 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC4249
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Channel Inputs (IN1, IN2)
VIN1
IN1 Operating Range
l
6
65
V
VIN2
IN2 Operating Range
VIN1 ≥ 6V
l
1.5
65
V
IMAX
IN1, IN2 Maximum Steady State ECB Current
1.2
A
IIN1
IN1 Input Supply Current
IOUT1 = IOUT2 = 0A; EN1 = EN2 = 3.3V
IOUT1 = IOUT2 = 0A; EN1 = EN2 = GND
l
l
1
0.6
1.5
0.8
mA
mA
IIN2
IN2 Input Supply Current
IOUT2 = 0A, EN2 = 3.3V
IOUT2 = 0A, EN2 = GND
l
l
20
0.5
28
3
µA
µA
RON
ECB On-Resistance
IOUT = –1A
l
50
75
150
mΩ
RONM
ECB Channel to Channel RON Matching
IOUT = –1A
l
±1
±4
%
Channel Outputs (OUT1, OUT2)
ICL
ECB Turn-On Inrush Current
COUT = 100µF
l
–0.8
–1
–1.2
A
tCL
Inrush Current Limited Operating Time
l
8
10
12
ms
VSC
Short-Circuit Comparator Threshold
l
1.14
1.2
1.26
V
tSC
Short-Circuit Evaluation Delay
EN rising to short-circuit fault
l
240
300
360
µs
Current Monitor and Electronic Circuit Breaker (ECB) Thresholds (IMON1, IMON2)
GIMON
IMON Gain
IOUT = –30mA to –1.2A
l
95
100
105
µA/A
IOC
IMON Offset Current
IOUT = –30mA
±1
µA
VIMON
IMON Output Voltage
IOUT = –1A
l
950
1000
1050
mV
IACC
IMON Output Current Accuracy
IOUT = –1A
IOUT = –1A, TA = 25°C
l
±5
±2
%
%
VECB1
VIMON at Primary ECB Threshold
l
1.17
1.20
1.23
V
VACC1
Primary ECB Accuracy
l
±2.5
%
VECB2
VIMON at Secondary ECB Threshold
l
2.28
2.40
2.52
V
VACC2
Secondary ECB Accuracy
l
±5
%
tOC1
ECB Response Time to Primary OC
Step IOUT from –1.15A to –1.25A; measure
time from step to RDY Low
l
30
50
70
µs
tOC2
ECB Response Time to Secondary OC
Step IOUT from –0.5A to –2.5A;
measure time from step to RDY Low
TA > 0°C
TA < 0°C
2
4
4
18
µs
µs
Enable Inputs (EN1, EN2)
VENTH
EN Rising Threshold
l
780
800
820
mV
VENHYS
EN Threshold Hysteresis
EN Falling
35
mV
tENMIN
Minimum EN Input Pulse Width
l
10
µs
The l denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN1 = VIN2 = 52V and RIMON = 10kΩ unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com