Electronic Components Datasheet Search
  English  ▼

X  

TQQ1007 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TQQ1007
Description  Band 7 BAW Duplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQQ1007 Datasheet(HTML) 2 Page - Qorvo, Inc

  TQQ1007 Datasheet HTML 1Page - Qorvo, Inc TQQ1007 Datasheet HTML 2Page - Qorvo, Inc TQQ1007 Datasheet HTML 3Page - Qorvo, Inc TQQ1007 Datasheet HTML 4Page - Qorvo, Inc TQQ1007 Datasheet HTML 5Page - Qorvo, Inc TQQ1007 Datasheet HTML 6Page - Qorvo, Inc TQQ1007 Datasheet HTML 7Page - Qorvo, Inc TQQ1007 Datasheet HTML 8Page - Qorvo, Inc TQQ1007 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
(::;<<=!
!"#$%&%!'(%)*+,-.-/%
!
7F'FLPOO'6001O`802009:U]WU]:9V0
U0]0DI09:0U0
7#LCGF#EO"605%_gOC'0'D0CPF&NO0A#'PD%'0&D'#CO00
0%1234%5/67*6#8%9-:6;<#$*;8</=%>#;?%
>>>?5@ABCAD5?EFG!H!>>>?BF@IF?EFG!
?02!/01!?%4!B%,(6*,=!!C0*,(.%1!DEFGHHI!',!'*!>)2%1*'2(<%!
?02!/01!?%4!B%,(6*,=!!C0*,(.%1!DEFGHHI!',!'*!>)2%1*'2(<%!
!
!
)6EFGG6DM6M!+J6@45ADO!0FDMA5AFDL!
!
*4@4G656@!
%AD! (RJ! %4S! /DA5L!
!)-530
p]:0
0
qVY0
r)0
!PO0[%MGObO"0A#GG0I%&C'#D&0D`O"0'PO0"OCDEEO&[O[0"F&NO0A#'PD%'0
[ON"F[F'#D&0#&0"OG#F_#G#'K0D"0MO"EF&O&'0CPF&NO0#&0MO"ID"EF&CO80
&QLFKC56!%4SAGCG!)45ADOL!
!
*4@4G656@!
)45ADO!
5'D"FNO0!OEMO"F'%"O0
pW:0'D0qVYjr)0
1402&M%'0,DAO"0R)ea0Y:jsa!jojq]Yjr)T0
q]\j[SE0
*MO"F'#D&0DI0'P#L0[O`#CO0D%'L#[O0'PO0MF"FEO'O"0"F&NOL0
N#`O&0F_D`O0EFK0CF%LO0MO"EF&O&'0[FEFNO80
#K6E5@AE4K!'J6EAPAE45AFDLT;U!!!&D56DD4V(@4DLGA5!
0
!
!
WX<Y0!
ZX[Y0!
Z\[Y0!
!
*4@4G656@! 0FDMA5AFDL!
%AD!
%4S!
(RJ!
%AD!
%4S! /DA5L!
2&LO"'#D&0>DLL0
5OO0.D'O0Q0
]Y::0l0]Y9:0+@h0
0
Q8\:0
0
0
Q8QY0
[S0
]Y9:0l0]YX:0+@h0
0
0
]8Y:0
0
0
[S0
]YX:0l0]Y;:0+@h0
0
]8YY0
0
0
Q8YY0
[S0
<5e10
]Y::0l0]Y;:0+@h0R-&'0,D"'T0
0
]690
98Y690
0
]690
U0
]Y::0l0]Y;:0+@h0R!b0,D"'T0
0
]89690
98Y690
0
]89690
U0
-''O&%F'#D&0
Y:0l09YXY0+@h00
W;0
0
Y]0
W;0
0
[S0
9Y;W8W]0l09Y;X8W]0+@h0
Y:0
0
YY0
Y:0
0
[S0
9Y;;0l09YVY0+@h00
Y:0
0
YY0
Y:0
0
[S0
]W:]8Y0l0]WY98Y00+@h00R)P9jlj;T00
5OO0.D'O0]0
Q\0
0
WQ0
QV0
0
[S0
]WQ;8Y0l0]WX98Y0+@h00R)PVjlj\T0
5OO0.D'O0]0
QV0
0
WQ0
QV0
0
[S0
]WW;8Y0l0]W;X8Y0+@h00R)P9:jlj9]T0
5OO0.D'O0]0
Q;0
0
W]0
Q;0
0
[S0
]WX]8Y0l0]WV98Y0+@h00R)P9QT0
5OO0.D'O0]0
Q;0
0
W]0
Q:0
0
[S0
]Y\Y0l0]X]:0+@h0RSQVT0
\0
0
9X0
9W0
0
[S0
Y:::0l0Y9W:0+@h0R@]T0
Q:0
0
QY0
Q:0
0
[S0
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com