Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4359
Description  18V, 12A Ideal Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 6Page - Analog Devices LTC4359 Datasheet HTML 7Page - Analog Devices LTC4359 Datasheet HTML 8Page - Analog Devices LTC4359 Datasheet HTML 9Page - Analog Devices LTC4359 Datasheet HTML 10Page - Analog Devices LTC4359 Datasheet HTML 11Page - Analog Devices LTC4359 Datasheet HTML 12Page - Analog Devices LTC4359 Datasheet HTML 13Page - Analog Devices LTC4359 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LTC4450
12
Rev. 0
For more information www.analog.com
1.2V Diode-OR Using Auxiliary Supply to VCC for Low Voltage Operation
TYPICAL APPLICATIONS
12V Output Disconnect Switch Controlled by LTC2965
ENABLE
R1
294k
R2
121k
R3
590k
R4
120
R5
10k
R6
2k
C1
0.1µF
CSS
6.8nF
CLOAD
33µF
VOUT
12V
SHDN#
GND
LTC4450
STATUS
VCC
M1
FDS4465
IN
OUT
Q2
2N2222
SOT-23
D1
BZX84C6V2L
Q1
2N2222
SOT-23
30m ESR
(OPTIONAL)
REF
INH
INL
GND
OUT
VIN
LTC2965
RS
PS
OPTIONAL CONNECTION
UV THRESHOLD = 7V
UV HYSTERESIS = 3V (10V RISE)
4450 TA06
VOUT
CLOAD
82 F
30m ESR
LTC4450
GND
OUT
IN
SHDN#
STATUS
N/C
4450 TA05
LTC4450
GND
OUT
IN
STATUS
N/C
VCC
SHDN#
VCC
VINA
1.2V
VAUX
2.75V
TO 5.5V
VINB
1.2V
CIN2
0.1 F
CIN1
0.1 F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com