Electronic Components Datasheet Search
  English  ▼

X  

LTC4413 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC4413
Description  18V, 12A Ideal Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 5 Page - Analog Devices

  LTC4413 Datasheet HTML 1Page - Analog Devices LTC4413 Datasheet HTML 2Page - Analog Devices LTC4413 Datasheet HTML 3Page - Analog Devices LTC4413 Datasheet HTML 4Page - Analog Devices LTC4413 Datasheet HTML 5Page - Analog Devices LTC4413 Datasheet HTML 6Page - Analog Devices LTC4413 Datasheet HTML 7Page - Analog Devices LTC4413 Datasheet HTML 8Page - Analog Devices LTC4413 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LTC4450
5
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
GND (Pin 14): Device Ground.
IN (Pins 2 - 7): Input Voltage and Positive Supply. IN is
the ideal diode anode and source of the internal N-channel
MOSFET. Connect these pins to the power supply input
that delivers power to the load. Bypass with a 0.1µF or
larger capacitor to suppress load transients.
OUT (Pins 8 - 13): Output Voltage. OUT is the ideal diode
cathode and drain of the internal N-channel MOSFET. This
is the common output when multiple LTC4450s are diode
OR-ed. Bypass with a 0.1µF or larger capacitor.
SHDN# (Pin 16): Shutdown Control Input. Driving this
pin below 0.4V (VSHDN#(TH)) disables the internal MOSFET
between IN and OUT and lowers the current consumption
of LTC4450 below 5µA. STATUS is pulled low to indicate
that the LTC4450 is disabled. When driven low, a con-
nection from IN to OUT still exists through the MOSFET’s
body diode. Driving SHDN# above 0.85V (VSHDN#(TH)) +
0.07V (VSHDN#(HYS)) enables the LTC4450, allowing it to
operate as an ideal diode. Connect to the highest on IN
or VCC or when not used. If the highest supply voltage is
changing over time due to supplies being swapped in and
out, connect SHDN# to a diode-OR of IN and VCC when
not used.
STATUS (Pin 15): Gate Status Output. STATUS pulls low
when the gate of the N-channel MOSFET is pulled low
indicating that the LTC4450 operates in reverse bias or
in shutdown. Otherwise, STATUS pulls high indicating
that the LTC4450 is operating in forward bias. Connect
through a pull-up resistor to the highest of IN or VCC. If
the highest supply voltage is changing over time due to
supplies being swapped in and out, connect to a diode-OR
of IN and VCC. Leave open or tie to GND when not used.
VCC (Pin 1): Positive Supply Input. This pin provides aux-
iliary power for the LTC4450 when VIN < 2.75V. Connect
to ground if unused.
BLOCK DIAGRAM
GND
IN
VCC
CHARGE
PUMP
CPO
SHDN#
0.85V
4450 BD
OR
15mV
INTERNAL
N-CHANNEL MOSFET
OUT
STATUS
+–
+
–
OTA
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com