Electronic Components Datasheet Search
  English  ▼

X  

BCS003K Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCS003K
Description  Capacitive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCS003K Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCS003K Datasheet HTML 1Page - Balluff Korea Ltd. BCS003K Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Capacitive Sensors
BCS D50OO02-YPC25C-EV02
Order Code: BCS003K
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-02
Subject to change without notice: 367228
ETIM 6.0: EC002715
BCS003K_0.9_2021-07-13
1 / 2
1) Sensing surface, 2) Potentiometer, 3) LED function indicator, 4) NO or NC selectable, 5) PNP or NPN selectable
Basic features
Approval/Conformity
CE
cULus
EAC
WEEE
Basic standard
IEC 60947-5-2
Scope of delivery
Screwdriver
Short guide
Sensitivity
Switching distance adjustable
Series
D50
Display/Operation
Function indicator
yes
Electrical connection
Cable length L
2 m
Conductor cross-section
0.25 mm²
Number of conductors
3
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
No-load current Io max. at Ue
15 mA
Operating voltage Ub
10...30 VDC
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
150 mA
Rated operating voltage Ue DC
24 V
Ripple max. (% of Ue)
10 %
Switching frequency
50 Hz
Utilization category
DC -13
Voltage drop static max.
1.5 V
Environmental conditions
Ambient temperature
-30...60 °C
Contamination scale
1
IP rating
IP67
Functional safety
MTTF (40 °C)
230 a
Interface
Switching output
PNP/NPN NO/NC programmable
Material
Cover material
POM
Housing material
POM
Material jacket
PVC
Material sensing surface
POM


Similar Part No. - BCS003K

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCS0037 BALLUFF-BCS0037 Datasheet
105Kb / 2P
Capacitive Sensors
BCS003A BALLUFF-BCS003A Datasheet
113Kb / 2P
Capacitive Sensors
BCS003F BALLUFF-BCS003F Datasheet
113Kb / 2P
Capacitive Sensors
BCS003H BALLUFF-BCS003H Datasheet
104Kb / 2P
Capacitive Sensors
BCS003L BALLUFF-BCS003L Datasheet
117Kb / 2P
Capacitive Sensors
More results

Similar Description - BCS003K

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCS0179 BALLUFF-BCS0179 Datasheet
154Kb / 2P
Capacitive Sensors
BCS017H BALLUFF-BCS017H Datasheet
106Kb / 2P
Capacitive Sensors
BCS004K BALLUFF-BCS004K Datasheet
120Kb / 2P
Capacitive Sensors
BCS004M BALLUFF-BCS004M Datasheet
120Kb / 2P
Capacitive Sensors
BCS004T BALLUFF-BCS004T Datasheet
120Kb / 2P
Capacitive Sensors
BCS012T BALLUFF-BCS012T Datasheet
134Kb / 3P
Capacitive Sensors
BCS012U BALLUFF-BCS012U Datasheet
140Kb / 3P
Capacitive Sensors
BCS00PJ BALLUFF-BCS00PJ Datasheet
119Kb / 2P
Capacitive Sensors
BCS00PZ BALLUFF-BCS00PZ Datasheet
118Kb / 2P
Capacitive Sensors
BCS00TL BALLUFF-BCS00TL Datasheet
121Kb / 2P
Capacitive Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com