Electronic Components Datasheet Search
  English  ▼

X  

BCS004K Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BCS004K
Description  Capacitive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCS004K Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BCS004K Datasheet HTML 1Page - Balluff Korea Ltd. BCS004K Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Capacitive Sensors
BCS M30BBM3-PPC20C-EP02
Order Code: BCS004K
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-02
Subject to change without notice: 367256
ETIM 6.0: EC002715
BCS004K_0.82_2021-07-13
2 / 2
Mechanical data
Dimension
Ø 30 x 82 mm
Installation
for flush mounting
Size
M30x1.5
Thread (A)
M30x1.5
Tightening torque
4 Nm
Range/Distance
Hysteresis H max. (% of Sr)
15.0 %
Measuring range
1...20 mm
Rated operating distance Sn
20 mm
Repeat accuracy max. (% of Sr)
5.0 %
Temperature drift max. (% of Sr)
20 %
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com