Electronic Components Datasheet Search
  English  ▼

X  

BCS012F Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BCS012F
Description  Capacitive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCS012F Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BCS012F Datasheet HTML 1Page - Balluff Korea Ltd. BCS012F Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Capacitive Sensors
BCS R08RRE-NOM80C-EP02
Order Code: BCS012F
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-02
Subject to change without notice: 240718
ETIM 6.0: EC002715
BCS012F_0.78_2021-05-20
2 / 2
Material
Cover material
PP
Housing material
PP
Material jacket
PUR
Material sensing surface
PP
Mechanical data
Dimension
34 x 16 x 8 mm
Installation
for flush mounting
Size
Block style
Tightening torque
0.2 Nm
Range/Distance
Hysteresis H max. (% of Sr)
15.0 %
Measuring range
1...8 mm
Real switching distance sr
8 mm
Repeat accuracy max. (% of Sr)
5.0 %
Temperature drift max. (% of Sr)
20 % [-5…55 °C]
Remarks
For full calibration connect input DI to L+ for 2...7 seconds. For empty calibration connect to L+ for 7..12 seconds.
Input DI can be used for teaching the switching point. In normal operation input DI should be connected continuously to L-.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Wiring Diagrams
Help Views



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com