Electronic Components Datasheet Search
  English  ▼

X  

CT1210LSCF Datasheet(PDF) 1 Page - Central Technologies

Part # CT1210LSCF
Description  SMD Wire-wound Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT1210LSCF Datasheet(HTML) 1 Page - Central Technologies

  CT1210LSCF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 09.01.05
SMD Wire-wound Chip Inductors
www.ctparts.com
CT1210LSCF
Series
From 0.47 µH to 680 µH
SPECIFICATIONS
Please specify tolerance code when ordering.
CT1210LSCF-1R0_
J = ±5%, K = ±10%
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Fact.
Freq.
Min.
±30%
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(W)
(mA)
CT1210LSCF-R47_
0.47
25.2
40
25.2
450
0.07
1800
CT1210LSCF-1R0_
1.0
7.96
20
7.96
100
0.08
1500
CT1210LSCF-1R5_
1.5
7.96
20
7.96
80
0.11
1125
CT1210LSCF-1R8_
1.8
7.96
20
7.96
70
0.13
970
CT1210LSCF-2R2_
2.2
7.96
20
7.96
68
0.13
970
CT1210LSCF-2R7_
2.7
7.96
20
7.96
62
0.15
900
CT1210LSCF-3R3_
3.3
7.96
20
7.96
54
0.16
837
CT1210LSCF-4R7_
4.7
7.96
20
7.96
43
0.20
675
CT1210LSCF-5R6_
5.6
7.96
20
7.96
36
0.26
620
CT1210LSCF-6R8_
6.8
7.96
20
7.96
33
0.27
600
CT1210LSCF-8R2_
8.2
7.96
15
7.96
28
0.33
570
CT1210LSCF-100_
10
2.52
15
2.52
28
0.36
520
CT1210LSCF-150_
15
2.52
15
2.52
19
0.56
480
CT1210LSCF-180_
18
2.52
15
2.52
17
0.67
330
CT1210LSCF-220_
22
2.52
15
2.52
16
0.77
310
CT1210LSCF-270_
27
2.52
15
2.52
13
1.00
280
CT1210LSCF-330_
33
2.52
15
2.52
12
1.10
270
CT1210LSCF-470_
47
2.52
15
2.52
10
1.64
210
CT1210LSCF-680_
68
2.52
15
2.52
9
2.8
189
CT1210LSCF-101_
100
0.796
15
0.796
6
3.7
145
CT1210LSCF-151_
150
0.796
15
0.796
5
6.1
120
CT1210LSCF-181_
180
0.796
15
0.796
4
8.0
105
CT1210LSCF-221_
220
0.796
15
0.796
4
8.4
100
CT1210LSCF-331_
330
0.796
15
0.796
3.5
12
80
CT1210LSCF-471_
470
0.796
15
0.796
2.8
22
75
CT1210LSCF-681_
680
0.796
15
0.796
2
28
65
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD ferrite core wire-wound chip inductor.
Applications: LC resonant circuits such as oscillator and signal
generators, impedance matching, circuit isolation, RF filters, disk
drives and computer peripherals, audio and video equipment, TV,
radio and telecommunication equipment.
Operating Temperature: -25°C to +85°C
Inductance Tolerance: ±5% & ±10%
Testing: Inductance and Q are tested on an HP4285A at
specified frequency.
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Marking: Parts are marked with color dots in nano Henries.
Example: 10µH = 10000nH
marking would be Brown, Black,
Orange(103).
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
C
E
E
Terminal Wraparound
0.38mm(0.015“) Both Ends
D
F
B
Overall
A
B
C
D
E
F
Max.
Max.
Max.
3.70
2.90
2.6
0.51
0.51
1.52
0.146
0.114
0.102
0.019
0.019
0.060
Size
mm
inches
Unit: mm
(inch)


Similar Part No. - CT1210LSCF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT1210LSCF-100J CT-CT1210LSCF-100J Datasheet
183Kb / 1P
SMD Wire-wound Chip Inductors
CT1210LSCF-100K CT-CT1210LSCF-100K Datasheet
183Kb / 1P
SMD Wire-wound Chip Inductors
CT1210LSCF-101J CT-CT1210LSCF-101J Datasheet
183Kb / 1P
SMD Wire-wound Chip Inductors
CT1210LSCF-101K CT-CT1210LSCF-101K Datasheet
183Kb / 1P
SMD Wire-wound Chip Inductors
CT1210LSCF-150J CT-CT1210LSCF-150J Datasheet
183Kb / 1P
SMD Wire-wound Chip Inductors
More results

Similar Description - CT1210LSCF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0603LS CT-CT0603LS Datasheet
206Kb / 1P
SMD Wire-wound Chip Inductors
CT1008CSF CT-CT1008CSF Datasheet
206Kb / 1P
SMD Wire-wound Chip Inductors
CT1008LS CT-CT1008LS Datasheet
227Kb / 1P
SMD Wire-wound Chip Inductors
CT1206CSF CT-CT1206CSF Datasheet
160Kb / 1P
SMD Wire-wound Chip Inductors
CT1210LSC CT-CT1210LSC Datasheet
183Kb / 1P
SMD Wire-wound Chip Inductors
CT0402HPF CT-CT0402HPF Datasheet
398Kb / 1P
SMD Wire-wound Chip Inductors
CT0603LSF CT-CT0603LSF Datasheet
500Kb / 1P
SMD Wire-wound Chip Inductors
CT0805HQF CT-CT0805HQF Datasheet
367Kb / 1P
SMD Wire-wound Chip Inductors
CT1008LSF CT-CT1008LSF Datasheet
375Kb / 1P
SMD Wire-wound Chip Inductors
CT1812CSF CT-CT1812CSF Datasheet
189Kb / 1P
SMD Wire-wound Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com