Electronic Components Datasheet Search
  English  ▼

X  

CTCMD4D06F Datasheet(PDF) 1 Page - Central Technologies

Part # CTCMD4D06F
Description  Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCMD4D06F Datasheet(HTML) 1 Page - Central Technologies

  CTCMD4D06F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 03.16.18
Power Inductors
www.ctparts.com
CTCMD4D06F
Series
From 2.2µH to 47µH
SPECIFICATIONS
Parts are available in ±20% inductance tolerance only.
*Rated Current: Inductance drop = 10% typ.
L Test
DCR
*Rated Current
Part
Inductance
Freq.
Max.
Max.
Number
(µH ±20%)
(kHz)
(Ω)
(A)
CTCMD4D06F-2R2M
2.2
100
0.116
0.95
CTCMD4D06F-3R3M
3.3
100
0.174
0.77
CTCMD4D06F-4R7M
4.7
100
0.216
0.75
CTCMD4D06F-6R8M
6.8
100
0.296
0.62
CTCMD4D06F-100M
10
100
0.457
0.5
CTCMD4D06F-150M
15
100
0.676
0.4
CTCMD4D06F-220M
22
100
1.066
0.3
CTCMD4D06F-330M
33
100
1.647
0.24
CTCMD4D06F-470M
47
100
2.843
0.18
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Oprerating Temperature: -25°C to +85°C
Inductance Tolerance: ±20%
Testing: Tested on a HP4285A at 100kHz, 1V
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
D
B
H
C
E
F
G
XXX
4
1
3
2
1
2
1
4
2
3
Marking: Inductance Code
4
3
1
2
Bottom View
7.0
4.0
A
B
C
D
E
F
G
H
Max.
Max.
Max.
6.3
5.8
0.8
3.5
4.1
3.2
0.5
0.4
0.248
0.228
0.031
0.138
0.161
0.126
0.020
0.016
Size
mm
inches
Unit: mm


Similar Part No. - CTCMD4D06F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCMD4D06F-100M CT-CTCMD4D06F-100M Datasheet
178Kb / 1P
Power Inductors
CTCMD4D06F-150M CT-CTCMD4D06F-150M Datasheet
178Kb / 1P
Power Inductors
CTCMD4D06F-220M CT-CTCMD4D06F-220M Datasheet
178Kb / 1P
Power Inductors
CTCMD4D06F-2R2M CT-CTCMD4D06F-2R2M Datasheet
178Kb / 1P
Power Inductors
CTCMD4D06F-330M CT-CTCMD4D06F-330M Datasheet
178Kb / 1P
Power Inductors
More results

Similar Description - CTCMD4D06F

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com