Electronic Components Datasheet Search
  English  ▼

X  

MM72C19 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM72C19
Description  16-Line to 1-Line Multiplexer, TRI-STATE16-Line to 1-Line
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM72C19 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM72C19 Datasheet HTML 1Page - National Semiconductor (TI) MM72C19 Datasheet HTML 2Page - National Semiconductor (TI) MM72C19 Datasheet HTML 3Page - National Semiconductor (TI) MM72C19 Datasheet HTML 4Page - National Semiconductor (TI) MM72C19 Datasheet HTML 5Page - National Semiconductor (TI) MM72C19 Datasheet HTML 6Page - National Semiconductor (TI) MM72C19 Datasheet HTML 7Page - National Semiconductor (TI) MM72C19 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5891
February 1988
MM54C150MM74C150 16-Line to 1-Line Multiplexer
MM72C19MM82C19 TRI-STATE
16-Line to 1-Line
Multiplexer
General Description
The MM54C150MM74C150 and MM72C19MM82C19
multiplex 16 digital lines to 1 output A 4-bit address code
determines the particular 1-of-16 inputs which is routed to
the output The data is inverted from input to output
A strobe override places the output of MM54C150
MM74C150 in the logical ‘‘1’’ state and the output of
MM72C19MM82C19 in the high-impedance state
All inputs are protected from damage due to static dis-
charge by diode clamps to VCC and GND
Features
Y
Wide supply voltage range
30V to 15V
Y
Guaranteed noise margin
10V
Y
High noise immunity
045 VCC (typ)
Y
TTL compatibility
Drive 1 TTL Load
Connection Diagram
Dual-In-Line Package
TLF5891 – 1
Order Number MM54C150 MM74C150 MM72C19 or MM82C19
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM72C19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MM720 ETC2-MM720 Datasheet
2Mb / 1P
DIGITAL MULTIMETERS
Rev 07/22 A
logo
Klein Tools, Inc.
MM720 KLEIN-MM720 Datasheet
2Mb / 1P
DIGITAL MULTIMETERS
Rev 07/22 A
More results

Similar Description - MM72C19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F153 PHILIPS-74F153 Datasheet
74Kb / 8P
Dual 4-line to 1-line multiplexer
1996 Jan 05
logo
Fairchild Semiconductor
MM74C150 FAIRCHILD-MM74C150 Datasheet
69Kb / 8P
16-Line to 1-Line Multiplexer 3-STATE . 16-Line to 1-Line Multiplexer
logo
Texas Instruments
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Fairchild Semiconductor
MM82C19 FAIRCHILD-MM82C19 Datasheet
62Kb / 7P
16-Line to 1-Line Multiplexer
logo
Texas Instruments
SN74LVC2G157 TI-SN74LVC2G157_07 Datasheet
393Kb / 12P
SINGLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74HC151-Q1 TI1-SN74HC151-Q1 Datasheet
177Kb / 9P
8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74AHCT157 UTC-U74AHCT157 Datasheet
233Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Texas Instruments
74AC11157 TI1-74AC11157_10 Datasheet
87Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74AC151 TI1-CD74AC151_14 Datasheet
836Kb / 14P
8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC2G157 TI1-SN74LVC2G157_18 Datasheet
1,006Kb / 24P
Single 2-Line to 1-Line Data Selector Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com