Electronic Components Datasheet Search
  English  ▼

X  

ICS843002 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS843002
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843002 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS843002 Datasheet HTML 6Page - Integrated Circuit Systems ICS843002 Datasheet HTML 7Page - Integrated Circuit Systems ICS843002 Datasheet HTML 8Page - Integrated Circuit Systems ICS843002 Datasheet HTML 9Page - Integrated Circuit Systems ICS843002 Datasheet HTML 10Page - Integrated Circuit Systems ICS843002 Datasheet HTML 11Page - Integrated Circuit Systems ICS843002 Datasheet HTML 12Page - Integrated Circuit Systems ICS843002 Datasheet HTML 13Page - Integrated Circuit Systems ICS843002 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
843002AG
www.icst.com/products/hiperclocks.html
REV. B MAY 6, 2005
10
Integrated
Circuit
Systems, Inc.
ICS843002
FEMTOCLOCKS™ CRYSTAL-TO-
3.3V LVPECL FREQUENCY SYNTHESIZER
LAYOUT GUIDELINE
Figure 4A shows a schematic example of the ICS843002. An
example of LVEPCL termination is shown in this schematic.
Additional LVPECL termination approaches are shown in the
LVPECL Termination Application Note. In this example, an 18 pF
FIGURE 4A. ICS843002 SCHEMATIC EXAMPLE
parallel resonant 26.5625MHz crystal is used. The C1=27pF
and C2=33pF are recommended for frequency accuracy. For
different board layout, the C1 and C2 may be slightly adjusted
for optimizing frequency accuracy.
FIGURE 4B. ICS843002 PC BOARD LAYOUT EXAMPLE
C1
27pF
VCC
VCCO
Zo = 50 Ohm
R6
50
C6
0.1u
C4
0.01u
X1
26.5625 MHz
VCC=3.3V
18pF
To Logic
Input
pins
C7
0.1u
Zo = 50 Ohm
RU1
1K
To Logic
Input
pins
C9
0.1u
Set Logic
Input to
'1'
VCCO=3.3V
VCC
VCC
R5
50
U1
ICS843002
VCC
VCCO
RD2
1K
VCCA
R4
50
C3
10uF
Zo = 50 Ohm
RD1
Not Install
R2
10
Set Logic
Input to
'0'
Zo = 50 Ohm
+
-
C8
0.1u
R7
50
Logic Control Input Examples
R9
50
C2
33pF
R8
50
+
-
RU2
Not Install
PC BOARD LAYOUT EXAMPLE
Figure 4B shows an example of ICS843002 P.C. board layout.
The crystal X1 footprint shown in this example allows installa-
tion of either surface mount HC49S or through-hole HC49 pack-
age.The footprints of other components in this example are listed
in the
Table 6. There should be at least one decoupling capacitor
per power pin. The decoupling capacitors should be located as
close as possible to the power pins. The layout assumes that
the board has clean analog power ground plane.
TABLE 6. FOOTPRINT TABLE
e
c
n
e
r
e
f
e
Re
z
i
S
2
C
,
1
C2
0
4
0
3
C5
0
8
0
8
C
,
7
C
,
6
C
,
5
C
,
4
C3
0
6
0
2
R3
0
6
0
s
e
z
i
s
t
n
e
n
o
p
m
o
c
s
t
s
il
,
6
e
l
b
a
T
:
E
T
O
N
.
e
l
p
m
a
x
e
t
u
o
y
a
l
s
i
h
t
n
i
n
w
o
h
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com