Electronic Components Datasheet Search
  English  ▼

X  

MAX32660 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX32660
Description  MAX32625PICO-Based Debug Adapter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32660 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX32660 Datasheet HTML 1Page - Maxim Integrated Products MAX32660 Datasheet HTML 2Page - Maxim Integrated Products MAX32660 Datasheet HTML 3Page - Maxim Integrated Products MAX32660 Datasheet HTML 4Page - Maxim Integrated Products MAX32660 Datasheet HTML 5Page - Maxim Integrated Products MAX32660 Datasheet HTML 6Page - Maxim Integrated Products MAX32660 Datasheet HTML 7Page - Maxim Integrated Products MAX32660 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX32660
MAX32660 Evaluation System
MAX32660 EV System Bill of Materials
QTY
PART
VALUE
BOM DESCRIPTION
MANUFACTURER PN
MANUFACTURER
12
C1,C2,C3,C4,C8,
C9,C10,C11,C12,C
14,C15,C16
1uF
CAP CER 1UF 6.3V X5R 0402
GRM155R60J105KE19D
Murata
2 C5,C7
4.7uF
CAP CER 4.7uF 10V 10% X5R 0603
C0603C475K8PACTU
Kemet
1 C6
10nF
CAP CER 10000PF 16V 10% X7R 0402
GRM155R71C103KA01D
Murata Electronics North America
1 C13
100nF
CAP CER 0.1UF 10V 10% X5R 0402
GRM155R61A104KA01D
Murata
1 C17
100nF
CAP CER 0.1UF 6.3V 10% X5R 0201
GRM033R60J104KE19D
Murata
1 D1
SML-LX0404SIUPGUSB
LED RGB CLEAR 0404 SMD
SML-LX0404SIUPGUSB
Lumex Opto/Components Inc.
1 D2
RED
LED RED DIFFUSED 0603 SMD
SML-LX0603SRW-TR
Lumex Opto/Components Inc.
1 J1
MICRO USB B R/A
CONN RCPT 5POS MICRO USB B R/A
47346-0001
Molex
1 J2
MAXDAP
MAXDAP_POGO_PIN CBL PLUG-OF-NAILS 10-PIN
TC2050-IDC-NL
Tag-Connect LLC
1 J3
4P TP
4P USB TP 1.27MM SMT PAD
1 J4
10P CORTEX DEBUG
CONN HEADER 10POS DUAL .05" SMD
FTSH-105-01-F-DV-K
Samtec
1 JH1
DNI 1
DNI CON 8P LS50MIL SMT 30X15PAD BREAKAWAY 1
1 JH2
DNI 2
DNI CON 8P LS50MIL SMT 30X15PAD BREAKAWAY 2
2 JH3,JH4
9P 1x9
CONN HEADER .100 SINGL STR 9POS
PEC09SAAN
Sullins
1 JP1
3P JUMPER
CONN HEADER .100 SINGL STR 3POS
PEC03SAAN
Sullins
1 PCB1
PCB
1 Q1
DMP210DUFB4-7
MOSFET P-CH 20V 0.2A X2-DFN1006
DMP210DUFB4-7
Diodes Incorporated
1 Q2
BSS806N
MOSFET N-CH 20V 2.3A SOT23
BSS806N H6327
Infineon Technologies
2 R1,R5
2.7K
RES SMD 2.7K OHM 1% 1/10W 0402
ERJ-2RKF2701X
Panasonic
1 R2
1.4K
RES SMD 1.4K OHM 1% 1/10W 0402
ERJ-2RKF1401X
Panasonic Electronic Components
4 R3,R10,R11,R17
1K
RES 1K OHM 1/10W 1% 0402 SMD
ERJ-2RKF1001X
Panasonic
2 R4,R8
10
RES SMD 10 OHM 1% 1/10W 0402
ERJ-2RKF10R0X
Panasonic
1 R6
100K
RES SMD 100K OHM 1% 1/10W 0402
ERJ-2RKF1003X
Panasonic
3 R7,R15,R18
10K
RES SMD 10K OHM 1% 1/16W 0402
RC0402FR-0710KL
Yageo
2 R9,R13
499
RES SMD 499 OHM 1% 1/10W 0402
ERJ-2RKF4990X
Panasonic Electronic Components
2 R12,R14
0
RES 0.0 OHM 1/10W JUMP 0402 SMD
ERJ-2GE0R00X
Panasonic
1 R16
150K
RES SMD 150K OHM 1% 1/10W 0402
ERJ-2RKF1503X
Panasonic
2 R19,R20
0
RES 0.0 OHM 1/20W JUMP 0201 SMD
ERJ-1GN0R00C
Panasonic
3 SH1,SH2,SH3
DNI
DNI 2 NET SHORT 8 MIL LINE
2 SW1,SW2
B3U-1000P
SWITCH TACTILE SPST-NO 0.05A 12V
B3U-1000P
Omron Electronics
1 U1
MAX8841ELT18+T
IC REG LINEAR 1.8V 150MA 6UDFN
MAX8841ELT18+T
Maxim Integrated
1 U2
MAX32625IWY+T
IC MCU 32BIT 512KB FLASH 63WLP
MAX32625IWY+T
Maxim Integrated
1 U3
MAX8841ELT33+T
IC REG LINEAR 3.3V 150MA 6UDFN
MAX8841ELT33+T
Maxim Integrated
1 U4
MAX38902AATA+
IC REG LDO LINEAR ADJ .5A 8TDFN
MAX38902AATA+
Maxim Integrated
1 U5
MAX32660GTP+
MAX32660GTP+ 20P TQFN
MAX32660GTP+
Maxim Integrated
1 U6
DS28E05R+T
IC EEPROM 896BIT 1WIRE SOT23-3
DS28E05R+T
Maxim Integrated
1 U7
MAX13202EALT+T
ESD PROTECT 2CH 6-UDFN
MAX13202EALT+
Maxim Integrated
1 U8
MAX14689EWL+T
IC SWITCH ANALOG DPDT 9-WLP
MAX14689EWL+T
Maxim Integrated
2 Y1,Y2
32.768KHz
CRYSTAL 32.7680KHZ 6PF SMD
ECS-.327-6-12-TR
ECX-12_200x120



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com