Electronic Components Datasheet Search
  English  ▼

X  

MAX1577Z Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1577Z
Description  1.2A White LED Regulating Charge Pump for Camera Flashes and Movie Lights
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1577Z Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1577Z Datasheet HTML 1Page - Maxim Integrated Products MAX1577Z Datasheet HTML 2Page - Maxim Integrated Products MAX1577Z Datasheet HTML 3Page - Maxim Integrated Products MAX1577Z Datasheet HTML 4Page - Maxim Integrated Products MAX1577Z Datasheet HTML 5Page - Maxim Integrated Products MAX1577Z Datasheet HTML 6Page - Maxim Integrated Products MAX1577Z Datasheet HTML 7Page - Maxim Integrated Products MAX1577Z Datasheet HTML 8Page - Maxim Integrated Products MAX1577Z Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1.2A White LED Regulating Charge Pump for
Camera Flashes and Movie Lights
4
_______________________________________________________________________________________
LED CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
205
210
215
220
225
200
-40
85
RCS = 0.27
Ω
EN1 LOW
EN2 HIGH
LED CURRENT vs. RCS
RCS (
Ω)
0.8
0.6
0.4
0.2
0.4
0.6
0.8
1.0
1.2
0
0.2
1.0
EN1 AND EN2 HIGH
EN1 HIGH, EN2 LOW
EN1 LOW, EN2 HIGH
TYPICAL OPERATING WAVEFORMS
IN 1x MODE
MAX1577 toc09
400ns/div
VIN
VOUT
VCS
50mV/div
(AC-COUPLED)
50mV/div
(AC-COUPLED)
50mV/div
(AC-COUPLED)
TYPICAL OPERATING WAVEFORMS
IN 2x MODE
MAX1577 toc10
400ns/div
VIN
VOUT
VCS
50mV/div
(AC-COUPLED)
50mV/div
(AC-COUPLED)
50mV/div
(AC-COUPLED)
STARTUP AND SHUTDOWN RESPONSE
MAX1577 toc11
400
µs/div
VEN1,
VEN2
VLED
ILED
2V/div
2V/div
0V
0mA
500mA/div
LED CURRENT vs. PWM DUTY CYCLE
DUTY CYCLE (%)
80
60
40
20
200
400
600
800
1000
1200
0
0100
RCS = 0.27
Ω
EN1 PWM
EN2 HIGH
EFFICIENCY vs. SUPPLY VOLTAGE
WITH PWM DIMMING
SUPPLY VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.1
30
20
10
40
50
60
70
80
0
2.7
5.5
25%
50%
75%
RCS = 0.27
Ω
EN1 PWM
EN2 HIGH
DIMMING RESPONSE
MAX1577 toc14
100
µs/div
VEN1
VLED
ILED
2V/div
2V/div
0V
0mA
500mA/div
Typical Operating Characteristics (continued)
(VIN = 3.6V, circuit of Figure 2, RCS = 0.27
Ω, Luxeon LXCL-PWF1 LED, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com