Electronic Components Datasheet Search
  English  ▼

X  

UT12005 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UT12005
Description  10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT12005 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UT12005 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UNIVERSAL MICROELECTRONICS CO.,LTD.
3,27TH RD.,TAICHUNG INDUSTRIAL PARK,
TEL:886-4-23590096 FAX:886-4-23590129
TAICHUNG,TAIWAN,R.O.C
http://www.umec-web.com
E-mail:business@umec.com.tw
DATA SHEET
SPECIFICATIONS
REV.
UM MODEL NO.:
UT12005
10/100BASE-T SINGLE PORT
SURFACE MOUNT MAGNETICS
A2
03/15
Features:
1. Meets IEEE 802.3 and ANSI X.3.263 standards including 350uH OCL with 8mA bias
2. Designed for reflow soldering at temperature 230
±5oC
3. Compact footprint for use in the most space restrictive applications
4. Turns Ratio tolerance:
±5%
5. Operating temperature: -40
oC to +85oC
Electrical Specification @25
oC:
1. OCL: 350uH min. 100KHz ,0.1Vrms,8mA Pin(1-3), Pin(6-8)
2. Turns Ratio tolerance:
±3%, Pin(1-3):(16-14), Pin(6-8):(11-9)
3. Pri. DCR: 0.9
Ω max. Pin(9-11), Pin(14-16)
4. LL: 0.4uH max. Pin(1-3), Pin(6-8) 1MHz , 1Vrms
5. Cw/w: 35pF max. Pri. to Sec. 1MHz, 1Vrms
6. Insertion Loss: -1.1dB Max. @ 0.10--100MHz
7. Return Loss: -18dB Min. @ 0.5--30MHz
-15.5dB Min. @ 40MHz
-13.6dB Min. @ 50MHz
-12dB Min. @ 60--80MHz
8. Com. to Com. Mode Rejection: -40dB typ. @ 0.10--100MHz
9. Crosstalk: -40dB min. @ 0.10--100MHz
10. HI-POT: 1500Vrms/2sec. Leakage Current 0.5mA Max./input to output
Dimensions & Schematic:
NOTE: 1. Packaging information-tape and reel according to item no. “SO16A” of data sheet 01-00
2. Specifications are subject to change without prior notice.
UNIT: mm
Tolerances:
±0.25mm
E10-007-C


Similar Part No. - UT12005

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
UT12002 MICRO-ELECTRONICS-UT12002 Datasheet
24Kb / 1P
10/100 BASE T SINGLE PORT SURFACE MOUNT MAGNETICS
More results

Similar Description - UT12005

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S558-5999-K8 BEL-S558-5999-K8 Datasheet
46Kb / 2P
10/100BASE-T LAN MAGNETICS Single Port Transformer Modules
logo
Pulse A Technitrol Comp...
H1092NL PULSE-H1092NL Datasheet
100Kb / 2P
10/100BASE-T QUAD PORT SURFACE MOUNT MAGNETICS
logo
Rhombus Industries Inc.
T-17200 RHOMBUS-IND-T-17200 Datasheet
20Kb / 1P
10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
T-18204 RHOMBUS-IND-T-18204 Datasheet
21Kb / 1P
10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
10/31/01
logo
Pulse A Technitrol Comp...
HX1188NL PULSE-HX1188NL Datasheet
211Kb / 3P
10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
HX1198 PULSE-HX1198 Datasheet
229Kb / 4P
10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
H1102T PULSE-H1102T Datasheet
103Kb / 3P
10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
HX1188T PULSE-HX1188T Datasheet
103Kb / 3P
10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
HX1198NLT PULSE-HX1198NLT Datasheet
103Kb / 3P
10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
H1183NLT PULSE-H1183NLT Datasheet
211Kb / 3P
10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com