Electronic Components Datasheet Search
  English  ▼

X  

DS1232LP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1232LP
Description  Low Power MicroMonitor Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1232LP Datasheet(HTML) 6 Page - Maxim Integrated Products

  DS1232LP Datasheet HTML 1Page - Maxim Integrated Products DS1232LP Datasheet HTML 2Page - Maxim Integrated Products DS1232LP Datasheet HTML 3Page - Maxim Integrated Products DS1232LP Datasheet HTML 4Page - Maxim Integrated Products DS1232LP Datasheet HTML 5Page - Maxim Integrated Products DS1232LP Datasheet HTML 6Page - Maxim Integrated Products DS1232LP Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DS1232LP/LPS
6 of 7
ABSOLUTE MAXIMUM RATINGS*
Voltage on VCC Pin Relative to Ground
-0.5V to +7.0V
Voltage on I/O Relative to Ground
-0.5V to VCC + 0.5V
Operating Temperature
0°C to 70°C
Operating Temperature (Industrial Version)
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.5
5.0
5.5
V
1
ST
and PBRST Input High Level
VIH
2.0
VCC+0.3
V
1
ST
and PBRST Input Low Level
VIL
-0.3
+0.8
V
1
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; V
CC=4.5 to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
IIL
-1.0
+1.0
µA
3
Output Current @ 2.4V
IOH
-8
-10
mA
5
Output Current @ 0.4V
IOL
10
mA
Low Level @ RST
VOL
0.4
V
1
Output Voltage @ -500 uA
VOH
VCC
-0.5V
VCC
-0.1V
V
1, 7
Output Current (CMOS)
ICC1
50
µA
2
Operating Current (TTL)
ICC2
200
500
µA
8
VCC Trip Point (TOL=GND)
VCCTP
4.50
4.62
4.74
V
1
VCC Trip Point (TOL=VCC)VCCTP
4.25
4.37
4.49
V
1
CAPACITANCE
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5pF
Output Capacitance
COUT
7pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com