Electronic Components Datasheet Search
  English  ▼

X  

PCA2131 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCA2131
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2131 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCA2131 Datasheet HTML 41Page - NXP Semiconductors PCA2131 Datasheet HTML 42Page - NXP Semiconductors PCA2131 Datasheet HTML 43Page - NXP Semiconductors PCA2131 Datasheet HTML 44Page - NXP Semiconductors PCA2131 Datasheet HTML 45Page - NXP Semiconductors PCA2131 Datasheet HTML 46Page - NXP Semiconductors PCA2131 Datasheet HTML 47Page - NXP Semiconductors PCA2131 Datasheet HTML 48Page - NXP Semiconductors PCA2131 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
• alarm
• timestamp1/2/3/4
• battery switch-over
• battery low detection
The control bit TI_TP (register Watchdg_tim_ctl) is used to configure whether the
interrupts generated from the second/minute timer (flag MSF in register Control_2) are
pulsed signals or a permanently active signal. All the other interrupt sources generate a
permanently active interrupt signal which follows the status of the corresponding flags.
When the interrupt sources are all disabled, INTA/B remains high-impedance.
• The flags MSF, AF, TSFx, and BF can be cleared by command.
• The flag WDTF is read only. How it can be cleared is explained in Section 7.11.5.
• The flag BLF is read only. It is cleared automatically from the battery low detection
circuit when the battery is replaced.
aaa-041571
BLF: BATTERY
LOW FLAG
SET
set battery
low flag, BLF
to interface:
read BLF
BLIE
from battery
low detection
circuit: clear BF
CLEAR
BF: BATTERY
FLAG
SET
set battery
flag, BF
to interface:
read BF
BIE
from interface:
clear BF
CLEAR
TSF1/2/3/4:
TIMESTAMP FLAGS
SET
set timestamp
flag, TSF1/2/3/4
to interface:
read TSF1/2/3/4_x
TSIE1/2/3/4
from interface:
clear TSF
CLEAR
AF: ALARM
FLAG
SET
set alarm
flag, AF
to interface:
read AF
AIE
from interface:
clear AF
CLEAR
WDTF:
WATCHDOG
TIMER FLAG
SET
WATCHDOG
COUNTER
to interface:
read WD_CD
WD_CD
MCU loading
watchdog counter
CLEAR
INTA pin
MSF:
MINUTE
SECOND FLAG
SET
MINUTES COUNTER
SECONDS COUNTER
to interface:
read MSF
SI/MI
TI_TP
0
1
from interface:
clear MSF
CLEAR
SI
MI
PULSE
GENERATOR 1
TRIGGER
CLEAR
BLIEA
BIEA
TSIE1/2/3/4A
AIEA
WD_CDA
SIA/MIA
BLIEB
BIEB
TSIE1/2/3/4B
AIEB
WD_CDB
SIB/MIB
INTB pin
When SI, MI, WD_CD, AIE, TSIE1/2/3/4, BIE, BLIE are all disabled, INTA/INTB remains high-impedance.
Figure 17. Interrupt block diagram
7.13.1 Minute and second interrupts
Minute and second interrupts are generated by predefined timers. The timers
can be enabled independently from one another by the bits MI and SI in register
PCA2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.0 — 26 July 2021
45 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com