Electronic Components Datasheet Search
  English  ▼

X  

PCF2123 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF2123
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF2123 Datasheet HTML 2Page - NXP Semiconductors PCF2123 Datasheet HTML 3Page - NXP Semiconductors PCF2123 Datasheet HTML 4Page - NXP Semiconductors PCF2123 Datasheet HTML 5Page - NXP Semiconductors PCF2123 Datasheet HTML 6Page - NXP Semiconductors PCF2123 Datasheet HTML 7Page - NXP Semiconductors PCF2123 Datasheet HTML 8Page - NXP Semiconductors PCF2123 Datasheet HTML 9Page - NXP Semiconductors PCF2123 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
• The register at address 05h is for software reset.
• The memory addresses 06h through to 0Dh are used as counters for the clock function
(1/100 seconds up to years). The date is automatically adjusted for months with fewer
than 31 days, including corrections for leap years. The clock can operate in 12-hour
mode with an AM/PM indication or in 24-hour mode (see Section 7.9).
• The registers at addresses 0Eh through 12h define the alarm function. It can be
selected that an interrupt is generated when an alarm event occurs (see Section 7.10).
• The register at address 13h defines the temperature measurement period and the
clock out mode. The temperature measurement can be selected from every 32 minutes
(default) down to every 4minutes (see Table 17). CLKOUT frequencies of 32.768 kHz
(default) down to 1 Hz for use as system clock, microcontroller clock, and so on, can be
chosen (see Table 18).
• The registers at addresses 14h to 2Fh are used for the timestamp function. When
the trigger event happens, the actual time is saved in the timestamp registers (see
Section 7.12).
• The register at address 30h is used for the correction of the crystal aging effect (see
Section 7.4.1).
• The registers at addresses 31h to 34h are used for interrupt configration.
• The registers at addresses 35h and 36h are used for the watchdog timer functions. The
watchdog timer has four selectable source clocks allowing for timer periods from less
than 20 ms to greater than 4 hours (see Table 59). An interrupt is generated when the
watchdog times out.
• The registers 100th Seconds, Seconds, Minutes, Hours, Days, Months, and Years
are all coded in Binary Coded Decimal (BCD) format to simplify application use. Other
registers are either bit-wise or standard binary.
When one of the RTC registers is written or read, the content of all counters is
temporarily frozen, all registers hold their state during SPI or I2C transactions. The
time stamp registers would update as soon as the bus transaction completes. This
prevents a faulty writing or reading of the clock and calendar during a carry condition
(see Section 7.9.9).
PCA2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.0 — 26 July 2021
6 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com