Electronic Components Datasheet Search
  English  ▼

X  

ICS650-44 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS650-44
Description  Spread Spectrum Clock Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-44 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS650-44 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-44 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-44 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-44 Datasheet HTML 4Page - Integrated Circuit Systems ICS650-44 Datasheet HTML 5Page - Integrated Circuit Systems ICS650-44 Datasheet HTML 6Page - Integrated Circuit Systems ICS650-44 Datasheet HTML 7Page - Integrated Circuit Systems ICS650-44 Datasheet HTML 8Page - Integrated Circuit Systems ICS650-44 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ICS650-44
MDS 650-44 C
1
Revision 080305
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
Spread Spectrum Clock Synthesizer
PREL IMINAR Y INFORMA T IO N
Description
The ICS650-44 is a spread spectrum clock synthesizer
intended for video projector and digital TV applications.
It generates three copies of an EMI optimized 50 MHz
clock signal (EMI peak reduction of 7 to 14 dB on 3rd
through 19th harmonics) through the use of Spread
Spectrum techniques from a 25 MHz crystal or clock
input. The modulation rate is 50 kHz.
Features
• Packaged in 16-pin TSSOP (173 mil)
• Supply voltages: VDD = 3.3 V, VDDO = 2.5 V
• Peak-to-peak jitter: ±125 ps typ
• Output duty cycle 45/55% (worst case)
• 25 MHz crystal or reference clock input
• Zero (0) ppm frequency error on all output clocks
• Advanced, low-power CMOS process
• Industrial temperature range (-40 to +85°C)
• Available in Pb (lead) free package
Block Diagram
Crystal
OSC
GND
2
3
VDD
Control
Logic
50M
X2
25 MHz crystal
or clock input
External capacitors are
required with a crystal
input.
X1/CLKIN
50M
FS3:0
VDDO
PDTS
PLL with
Spread
Spectrum
50M


Similar Part No. - ICS650-44

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS650-44 IDT-ICS650-44 Datasheet
227Kb / 11P
Packaged in 16-pin TSSOP
logo
Renesas Technology Corp
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
More results

Similar Description - ICS650-44

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
Spread Spectrum Clock Synthesizer
Revision 082305
ICS650-47 ICST-ICS650-47 Datasheet
171Kb / 10P
Spread Spectrum Clock Synthesizer
Revision 082305
logo
Pericom Semiconductor C...
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
27 MHz Spread Spectrum Clock Synthesizer
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Pericom Semiconductor C...
PI6C3421A PERICOM-PI6C3421A Datasheet
371Kb / 7P
27MHz Spread Spectrum Clock Synthesizer
logo
Renesas Technology Corp
IDT5P50901 RENESAS-IDT5P50901 Datasheet
335Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV F 082112
IDT5P50911 RENESAS-IDT5P50911 Datasheet
313Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
070214
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com