Electronic Components Datasheet Search
  English  ▼

X  

ICS843071I Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS843071I
Description  FEMTOCLOCKS??CRYSTAL-TO- LVPECL CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843071I Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS843071I Datasheet HTML 3Page - Integrated Circuit Systems ICS843071I Datasheet HTML 4Page - Integrated Circuit Systems ICS843071I Datasheet HTML 5Page - Integrated Circuit Systems ICS843071I Datasheet HTML 6Page - Integrated Circuit Systems ICS843071I Datasheet HTML 7Page - Integrated Circuit Systems ICS843071I Datasheet HTML 8Page - Integrated Circuit Systems ICS843071I Datasheet HTML 9Page - Integrated Circuit Systems ICS843071I Datasheet HTML 10Page - Integrated Circuit Systems ICS843071I Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
843071AGI
www.icst.com/products/hiperclocks.html
REV. A JANUARY 11, 2006
7
Integrated
Circuit
Systems, Inc.
ICS843071I
FEMTOCLOCKS™CRYSTAL-TO- LVPECL
CLOCK GENERATOR
PARAMETER MEASUREMENT INFORMATION
RMS PHASE JITTER
LVPECL 3.3V OUTPUT LOAD AC TEST CIRCUIT
LVPECL 2.5V OUTPUT LOAD AC TEST CIRCUIT
OUTPUT RISE/FALL TIME
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
Q
nQ
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
SCOPE
Qx
nQx
LVPECL
2V
-1.3V ± 0.330V
V
EE
V
CC,
V
CCA
SCOPE
Qx
nQx
LVPECL
2V
-0.5V ± 0.250V
V
EE
V
CC,
V
CCA
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com