Electronic Components Datasheet Search
  English  ▼

X  

ICS662-02 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS662-02
Description  NTSC/PAL AUDIO CLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS662-02 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS662-02 Datasheet HTML 1Page - Integrated Circuit Systems ICS662-02 Datasheet HTML 2Page - Integrated Circuit Systems ICS662-02 Datasheet HTML 3Page - Integrated Circuit Systems ICS662-02 Datasheet HTML 4Page - Integrated Circuit Systems ICS662-02 Datasheet HTML 5Page - Integrated Circuit Systems ICS662-02 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTSC/PAL AUDIO CLOCK
MDS 662-02 A
2
Revision 100803
Int e gr ated C i rcui t S ystems l 525 Ra ce S t re et, Sa n Jose, C A 951 26 l t e l (408) 295-9 800 l w w w. i cst . c om
ICS662-02
Pin Assignment
8 pin (150 mil) SOIC
CLOCK OUTPUT SELECT TABLE
* -0.16 ppm compared to PAL specification
Pin Descriptions
REF
VDD
GND
OE/PD
S2
S1
CLK
S0
1
2
3
4
8
7
6
5
S2
S1
S0
Input
Frequency
Output
Frequency
Video
Std.
00
0
14.31818
8.192
NTSC
00
1
14.31818
11.2896
NTSC
01
0
14.31818
12.288
NTSC
01
1
14.31818
24.576
NTSC
1
0
0
17.73447205*
8.192
PAL
1
0
1
17.73447205*
11.2896
PAL
1
1
0
17.73447205*
12.288
PAL
1
1
1
17.73447205*
24.576
PAL
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
REF
Input
Reference clock input.
2
VDD
Power
Connect to +3.3 V.
3
GND
Power
Connect to ground.
4
S2
Input
Output frequency selection Pin 2. Determines output frequency as per
table above.
5
CLK
Output
Clock output per table above.
6
S1
Input
Output frequency selection Pin 1. Determines output frequency as per
table above.
7OE/PD
Input
Output enable. Powers down PLL and tri-states output with weak
pull-down when low.
8
S0
Input
Output frequency selection Pin 0. Determines output frequency as per
table above.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com