Electronic Components Datasheet Search
  English  ▼

X  

ICS667M-01T Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS667M-01T
Description  HDTV CLOCK SYNTHESIZER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS667M-01T Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS667M-01T Datasheet HTML 1Page - Integrated Circuit Systems ICS667M-01T Datasheet HTML 2Page - Integrated Circuit Systems ICS667M-01T Datasheet HTML 3Page - Integrated Circuit Systems ICS667M-01T Datasheet HTML 4Page - Integrated Circuit Systems ICS667M-01T Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HDTV CLOCK SYNTHESIZER
MDS 667-01 C
4
Revision 031605
I n tegr at ed Circuit Sy stems
525 Race Street , San Jose, CA 95126
t e l (40 8 ) 297-1201
www. i cst.com
ICS667-01
AC Electrical Characteristics
VDD =3.3V+ 5%, CL=15pF unless otherwise noted, Ambient Temperature 0 to +70°C
Thermal Characteristics
Marking Diagram
Marking Diagram (Pb free)
Notes:
1. ###### is the lot number.
2. YYWW is the last two digits of the year and week that the part was assembled.
3. Bottom marking: (origin)
Origin = country of origin if other than USA.
4. “LF” denotes Pb (lead) free package.
Parameter
Symbol
Conditions
Min.
Typ.
Max. Units
Input Frequency
FIN
27
MHz
Frequency Error, Output Clock
0
ppm
Output Clock Rise Time
tOR
0.8 to 2.0 V
1.5
ns
Output Clock Fall Time
tOF
2.0 to 8.0 V
1.5
ns
Output Clock Duty Cycle
at 1.4 V
40
50
60
%
Maximum Absolute Jitter, short term
tja
Deviation from mean
200
ps
Maximum Absolute Jitter, Long term
term over 1us
tjl
Deviation from mean
500
ps
Output Enable Time
OE going from Low to
High
20
ns
Internal Pull-up Resistor
RPUP
OE pin
750
k
Ω
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
150
°C/W
θ
JA
1 m/s air flow
140
°C/W
θ
JA
3 m/s air flow
120
°C/W
Thermal Resistance Junction to Case
θ
JC
40
°C/W
667M-01
######
YYWW$$
14
5
8
667M01LF
######
YYWW$$
14
5
8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com