Electronic Components Datasheet Search
  English  ▼

X  

ICS667M-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS667M-01
Description  HDTV CLOCK SYNTHESIZER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS667M-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS667M-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS667M-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS667M-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS667M-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS667M-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ICS667-01
MDS 667-01 C
1
Revision 031605
In tegr ated Ci rcui t Syst em s
525 Race Street San Jose, CA 95126
t e l (4 08) 297-1201
www. icst.com
HDTV CLOCK SYNTHESIZER
Description
The ICS667-01 is a low-cost, low jitter,
high-performance PLL clock synthesizer designed to
produce the 74.176 MHz clock necessary for HDTV
systems. Using ICS’ patented analog Phase-Locked
Loop (PLL) techniques, the device accepts a 27 MHz
crystal or clock input. The zero ppm synthesis error
exactly locks the display to the digital stream.
ICS manufactures the largest variety multimedia clock
synthesizers for all applications. Consult ICS to
eliminate crystals and oscillators from your board.
Features
• Packaged in 8-pin SOIC
• Available in Pb (lead) free package
• Input frequency of 27 MHz
• Zero ppm synthesis error in output clock
• 3.3 V ±5% operating supply
• Ideal for HDTV applications and oscillator
manufacturers
• Advanced, low power, sub-micron CMOS process
Block Diagram
CLK
74.17582418 MHz
Clock
Synthesis
and Control
Circuitry
27 MHz
crystal or
clock input
VDD
Clock
Buffer
OE
ICLK/X1
X2
27.0000 MHz
GND
2
Optional tuning crystal capacitors


Similar Part No. - ICS667M-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
More results

Similar Description - ICS667M-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS627-01 ICST-ICS627-01 Datasheet
42Kb / 4P
HDTV Set-Top Clock Source
Revision 051600
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
HDTV Clock Synthesizer
Revision 081199
MK2716 ICST-MK2716 Datasheet
57Kb / 4P
HDTV Clock Synthesizer
Revision 062599
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
HDTV Audio/Video Clock Source
logo
Integrated Circuit Syst...
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
Networking Clock Synthesizer
Revision 031605
logo
Integrated Device Techn...
ICS662-03 IDT-ICS662-03 Datasheet
171Kb / 7P
HDTV AUDIO/VIDEO CLOCK SOURCE
logo
Renesas Technology Corp
MK2716 RENESAS-MK2716 Datasheet
324Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
ICS662-03 RENESAS-ICS662-03 Datasheet
340Kb / 8P
HDTV AUDIO/VIDEO CLOCK SOURCE
051310
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com