Electronic Components Datasheet Search
  English  ▼

X  

ICS670M-04ILF Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS670M-04ILF
Description  LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS670M-04ILF Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS670M-04ILF Datasheet HTML 1Page - Integrated Circuit Systems ICS670M-04ILF Datasheet HTML 2Page - Integrated Circuit Systems ICS670M-04ILF Datasheet HTML 3Page - Integrated Circuit Systems ICS670M-04ILF Datasheet HTML 4Page - Integrated Circuit Systems ICS670M-04ILF Datasheet HTML 5Page - Integrated Circuit Systems ICS670M-04ILF Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
MDS 670-04 B
2
Revision 011905
Integrated Circuit Systems l 525 Race Street, San Jose, CA 95126 l tel (408) 297-1201 l
www.icst.com
ICS670-04
Pin Assignment
Multiplier Select Table
Pin Descriptions
12
1
11
2
10
3
9
VDD
4
VDD
5
VDD
6
GND
7
CLK2
8
OE2
GND
S0
S1
FBCLK
S3
OE1
ICLK
16
15
14
13
FBIN
GND
S2
S3
S2
S1
S0
CLK2 (and FBCLK)
Input Range (MHz)
0
0
0
0
Low (Power down
entire chip)
—
0
0
0
1
Input x1.333
18 - 157.5
0
0
1
0
Input x6
5 - 35
0
0
1
1
Input x1.5
16.67 - 140
0
1
0
0
Input x3.333
7.5 - 63
0
1
0
1
Input x2.50
10 - 84
0
1
1
0
Input x4
6 - 52.5
0
1
1
1
Input x1
25 - 210
1
0
0
0
Input x2.333
11 - 90
1
0
0
1
Input x2.666
10 - 78.75
1
0
1
0
Input x12
5 - 17.5
1
0
1
1
Input x3
8 - 70
1
1
0
0
Input x10
5 - 21
1
1
0
1
Input x5
6 - 42
1
1
1
0
Input x8
5 - 26.25
1
1
1
1
Input x2
12 - 105
Pin
Number
Pin
Name
Pin
Type
Pin Description
1 - 3
VDD
Input
Power supply. Connect both pins to the same voltage (either 3.3 V or 5 V).
4
CLK2
Output Clock output from VCO. Output frequency equals the input frequency times
multiplier.
5
OE2
Input
Output clock enable 2. Tri-states the clock 2 output when low.
6
FBCLK
Output Clock output from VCO. Output frequency equals the input frequency times
multiplier.
7
OE1
Input
Output clock enable 1. Tri-states the feedback clock output when low.
8
FBIN
Input
Feedback clock input.
9
ICLK
Input
Clock input. Connect to a 5 - 210 MHz clock.
10
S3
Input
Multiplier select pin 3. Determines outputs per table above. Internal pull-up.
11
S2
Input
Multiplier select pin 2. Determines outputs per table above. Internal pull-up.
12
S1
Input
Multiplier select pin 1. Determines outputs per table above. Internal pull-up.
13
S0
Input
Multiplier select pin 0. Determines outputs per table above. Internal pull-up.
14 - 16
GND
Power Connect to ground.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com