Electronic Components Datasheet Search
  English  ▼

X  

MAX14570 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14570
Description  High-Efficiency Voice Coil Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14570 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14570 Datasheet HTML 1Page - Maxim Integrated Products MAX14570 Datasheet HTML 2Page - Maxim Integrated Products MAX14570 Datasheet HTML 3Page - Maxim Integrated Products MAX14570 Datasheet HTML 4Page - Maxim Integrated Products MAX14570 Datasheet HTML 5Page - Maxim Integrated Products MAX14570 Datasheet HTML 6Page - Maxim Integrated Products MAX14570 Datasheet HTML 7Page - Maxim Integrated Products MAX14570 Datasheet HTML 8Page - Maxim Integrated Products MAX14570 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
(VDD = +2.3V to +5.5V, RVCM=15Ω,LVCM = 47µH, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = +3.6V
and TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Current Ripple
IRPL
FREQ[2:0] = 001, measured peak to
peak
16
%
DriverEfficiency
EFF
I_OUT[9:0] = 0x148 (~32mA)
64
%
Supply Voltage Feedthrough
I_OUT[9:0] = 0x148 (~32mA), measured
with fS = 217Hz, VS = 200mVP-P
3.5
LSB
Output Current Settling Time
tSV
Any value to any other value transition,
measured from I2C write complete to
outputsettlingwithin10LSBoffinal
value, TSHP = 0 (Notes 4, 5)
250
µs
POWER STATE TIMING (Figure 1)
Timeout to Detect SCL from
Power-On
tVBAT-GOOD (Note 5)
150
µs
Time from Shutdown to
Standby
tSH-ST
(Note 5)
100
µs
Time from Standby to Active
tST-A
(Note 5)
250
µs
SCL Low Hold Time to Trigger
Shutdown
tSCL-L
740
769.5
µs
Time from Active to Standby
tA-ST
(Note 5)
20
µs
Time from Standby to
Shutdown
tST-SH
(Note 5)
20
µs
Time from Active to Shutdown
tA-SH
(Note 5)
20
µs
CONTROL INPUTS (SDA, SCL)
Input Logic-High Voltage
VIH_
1.4
V
Input Logic-Low Voltage
VIL_
0.4
V
Input Logic Hysteresis
VIHYS
200
mV
Output Logic-Low Voltage
VOL
ISINK = 2mA
0.4
V
Input Low Leakage Current
IIL_
-1
+1
µA
Input High Leakage Current
IIH_
-1
+1
µA
Input Capacitance
CIN
2
pF
I2C INTERFACE (Figure 6)
Serial-Clock Frequency
fSCL
1000
kHz
Bus Free Time Between
START and STOP Condition
tBUF
0.5
µs
MAX14570
High-Efficiency Voice Coil Motor Driver
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com