Electronic Components Datasheet Search
  English  ▼

X  

ICS83021AMI Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS83021AMI
Description  2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83021AMI Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS83021AMI Datasheet HTML 1Page - Integrated Circuit Systems ICS83021AMI Datasheet HTML 2Page - Integrated Circuit Systems ICS83021AMI Datasheet HTML 3Page - Integrated Circuit Systems ICS83021AMI Datasheet HTML 4Page - Integrated Circuit Systems ICS83021AMI Datasheet HTML 5Page - Integrated Circuit Systems ICS83021AMI Datasheet HTML 6Page - Integrated Circuit Systems ICS83021AMI Datasheet HTML 7Page - Integrated Circuit Systems ICS83021AMI Datasheet HTML 8Page - Integrated Circuit Systems ICS83021AMI Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
83021AMI
www.icst.com/products/hiperclocks.html
REV. C DECEMBER 12, 2005
1
Integrated
Circuit
Systems, Inc.
ICS83021I
1-TO-1
2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
GENERAL DESCRIPTION
The ICS830 21I is a 1-to- 1 Differential-to-
LVCMOS/LVTTL Translator and a member of
the HiPerClockS™family of High Perfor-
mance Clock Solutions from ICS. The differ-
ential input is highly flexible and can accept the
following input types: LVPECL, LVDS, LVHSTL, SSTL, and
HCSL. The small 8-lead SOIC footprint makes this device
ideal for use in applications with limited board space.
FEATURES
• One LVCMOS / LVTTL output
• Differential CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Maximum output frequency: 350MHz (typical)
• Part-to-part skew: 500ps (maximum)
• Additive phase jitter, RMS: 0.21ps (typical), 3.3V output
• Small 8 lead SOIC package saves board space
• Full 3.3V, 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS83021I
8-Lead SOIC
3.8mm x 4.8mm, x 1.47mm package body
M Package
Top View
nc
CLK
nCLK
nc
1
2
3
4
Q0
CLK
nCLK
HiPerClockS™
ICS
VDD
Q0
nc
GND
8
7
6
5


Similar Part No. - ICS83021AMI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83021AMI ICST-ICS83021AMI Datasheet
158Kb / 11P
2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
REV. B JUNE 30, 2004
ICS83021AMIT ICST-ICS83021AMIT Datasheet
158Kb / 11P
2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
REV. B JUNE 30, 2004
More results

Similar Description - ICS83021AMI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85322 ICST-ICS85322 Datasheet
126Kb / 13P
DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V/3.3V LVPECL TRANSLATOR
REV. A JULY 31, 2001
ICS85320I ICST-ICS85320I Datasheet
198Kb / 14P
LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
REV. A AUGUST 25, 2004
ICS83021I ICST-ICS83021I Datasheet
158Kb / 11P
2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
REV. B JUNE 30, 2004
ICS85322I ICST-ICS85322I Datasheet
160Kb / 13P
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
REV. B OCTOBER 7, 2003
logo
Integrated Device Techn...
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
ICS85320I IDT-ICS85320I Datasheet
1Mb / 16P
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
85320 IDT-85320 Datasheet
215Kb / 16P
LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
logo
Renesas Technology Corp
85320I RENESAS-85320I Datasheet
376Kb / 17P
LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
DECEMBER 19, 2014 1
85322 RENESAS-85322 Datasheet
323Kb / 14P
Dual LVCMOS / LVTTL-to-Differential 2.5V / 3.3V LVPECL Translator
January 20, 2016
ICS85322I RENESAS-ICS85322I Datasheet
714Kb / 17P
Dual LVCMOS/LVTTL-To-Differential 2.5V/3.3V LVPECL Translator
MARCH 6, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com