Electronic Components Datasheet Search
  English  ▼

X  

5010 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 5010
Description  Evaluation Board Manual for NCN8025A QFN-24
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

5010 Datasheet(HTML) 2 Page - ON Semiconductor

  5010 Datasheet HTML 1Page - ON Semiconductor 5010 Datasheet HTML 2Page - ON Semiconductor 5010 Datasheet HTML 3Page - ON Semiconductor 5010 Datasheet HTML 4Page - ON Semiconductor 5010 Datasheet HTML 5Page - ON Semiconductor 5010 Datasheet HTML 6Page - ON Semiconductor 5010 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© Semiconductor Components Industries, LLC, 2011
April, 2011 − Rev. 0
1
Publication Order Number:
NCN8025AEVB/D
NCN8025AEVB
Evaluation Board Manual
for NCN8025A QFN-24
Prepared By: Philippe Andre
INTRODUCTION
This document gives a detailed description of the
NCN8025A Evaluation Board (QFN-24 version) with the
Bill Of Material (BOM), board schematic and layout. The
appropriate lab test setups are also provided. The
NCN8025A Evaluation Board has been designed to help for
a quick evaluation of the NCN8025A Compact and
Cost-Effective Smart Card Interface device.
This document has to be used with the NCN8025A
datasheet. The datasheet contains full technical details
regarding the NCN8025A specifications and operation. The
board (FR4 material) is implemented in two metal layers.
The top and bottom layers have thicknesses of 35
mm. The
PCB thickness is 1.6 mm with dimensions of 89 mm by
68 mm (see Figure 1).
Figure 1. Demo Board
EQUIPMENT
Description
Main Features
Example of Equipment (Note 1)
Qty.
Regulated Power Supply
200 mA DC current capability
Tektronix PS2520G
2
Multimeter
Keitley 2000 or 2001
2
Sourcemeter
Keitley 2400
1
Oscilloscope
500 MHz Bandwidth, four
channel scope, min 1 Mbit
memory per channel (Note 2)
Tecktronix TDS744, 754 or 784 / TDS5054 series or Lecroy
WR5060
TDS5104B, 1 GHz, 5GS/s
1
Voltage probe
4 probes 500 MHz Bandwidth
Tektronix or Lecroy
4
Waveform generator
Pattern genarator
Agilent 81104A 80 MHz or HP8110A 150 MHz 2 outputs
1
SMB Cable
External Clock Input
1
1. Equipment used in the context of this Application Note Manual.
2. Greater Scope memory per channel offers better resolution.
http://onsemi.com
EVALUATION BOARD MANUAL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com