Electronic Components Datasheet Search
  English  ▼

X  

ICS1893BKIT Datasheet(PDF) 30 Page - Integrated Circuit Systems

Part # ICS1893BKIT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893BKIT Datasheet(HTML) 30 Page - Integrated Circuit Systems

Back Button ICS1893BKIT Datasheet HTML 26Page - Integrated Circuit Systems ICS1893BKIT Datasheet HTML 27Page - Integrated Circuit Systems ICS1893BKIT Datasheet HTML 28Page - Integrated Circuit Systems ICS1893BKIT Datasheet HTML 29Page - Integrated Circuit Systems ICS1893BKIT Datasheet HTML 30Page - Integrated Circuit Systems ICS1893BKIT Datasheet HTML 31Page - Integrated Circuit Systems ICS1893BKIT Datasheet HTML 32Page - Integrated Circuit Systems ICS1893BKIT Datasheet HTML 33Page - Integrated Circuit Systems ICS1893BKIT Datasheet HTML 34Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 133 page
background image
ICS1893BF, Rev. C, 9/29/05
September, 2005
30
Chapter 5 Interface Overviews
ICS1893BF Data Sheet - Release
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
Figure 5-3 shows typical biasing and LED connections for the ICS1893BF.
Figure 5-3. ICS1893BF LED - PHY Interface
ICS1893BF
10K
Ω
86
4
3
1
P4RD
P3TD
P2LI
P1CL
P0AC
REC
TRANS
LINK
ACTIVITY
10K
Ω
LED
1K
Ω
10K
Ω
LED
1K
Ω
10K
Ω
VDD
COL
LED
1K
Ω
10K
Ω
This circuit decodes to PHY address = 1.
Notes:
1. All LED pins must be set during reset.
2. Caution: PHY address 00 tri-states the MII interface. Don’t use PHY address 00.
3. For more reliable address capture during power-on reset, add a 10K
Ω resistor across
the LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com