Electronic Components Datasheet Search
  English  ▼

X  

575613 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 575613
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

575613 Datasheet(HTML) 1 Page - Festo Corporation.

  575613 Datasheet HTML 1Page - Festo Corporation. 575613 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VUVS-L30-B52-D-G38-F8-1B2
Part number: 575613
Data sheet
Feature
Value
Valve function
5/2, bistable
Actuation type
Electrical
Valve size
31 mm
Standard nominal flow rate
2300 l/min
Pneumatic working port
G3/8
Operating voltage
24V DC
Operating pressure
1.5 bar ... 10 bar
Structural design
Piston gate valve
Certification
c UL us - Recognized (OL)
Maritime classification
See certificate
Certificate issuing authority
DNVGL-TAA000011J
Degree of protection
IP65
With plug socket
as per IEC 60529
Nominal width
9.4 mm
Type code
VUVS
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Non-detenting
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991013
Lap
Overlap
b-value
0.4
C value
9.9 l/sbar
Changeover time
13 ms
Duty cycle
100%
Max. positive test pulse with 0 signal
2000 µs
Max. negative test pulse on 1 signal
3600 µs
Coil characteristics
24 V DC: 3.3 W
Permissible voltage fluctuations
+/- 10 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
10/12/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 575613

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
575610 FESTO-575610 Datasheet
103Kb / 2P
Air solenoid valve
575611 FESTO-575611 Datasheet
101Kb / 2P
Air solenoid valve
575612 FESTO-575612 Datasheet
103Kb / 2P
Air solenoid valve
575614 FESTO-575614 Datasheet
103Kb / 2P
Air solenoid valve
575615 FESTO-575615 Datasheet
97Kb / 2P
Pneumatic valve
More results

Similar Description - 575613

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com