Electronic Components Datasheet Search
  English  ▼

X  

575618 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 575618
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

575618 Datasheet(HTML) 1 Page - Festo Corporation.

  575618 Datasheet HTML 1Page - Festo Corporation. 575618 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VUVS-L30-P53C-MD-G38-F8-1C1
Part number: 575618
Data sheet
Feature
Value
Valve function
5/3, closed
Actuation type
Electrical
Valve size
31 mm
Standard nominal flow rate
2000 l/min
Pneumatic working port
G3/8
Operating voltage
24V DC
Operating pressure
2.5 bar ... 10 bar
Structural design
Piston gate valve
Reset method
Mechanical spring
Certification
c UL us - Recognized (OL)
Degree of protection
IP65
With plug socket
as per IEC 60529
Nominal width
8.9 mm
Type code
VUVS
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Non-detenting
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991033
Lap
Overlap
b-value
0.4
C value
8.9 l/sbar
Switching time off
76 ms
On switching time
17 ms
Changeover time
39 ms
Duty cycle
100%
Max. positive test pulse with 0 signal
2000 µs
Max. negative test pulse on 1 signal
3600 µs
Coil characteristics
24 V DC: 3.3 W
Permissible voltage fluctuations
+/- 10 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
10/12/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 575618

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
575610 FESTO-575610 Datasheet
103Kb / 2P
Air solenoid valve
575611 FESTO-575611 Datasheet
101Kb / 2P
Air solenoid valve
575612 FESTO-575612 Datasheet
103Kb / 2P
Air solenoid valve
575613 FESTO-575613 Datasheet
101Kb / 2P
Air solenoid valve
575614 FESTO-575614 Datasheet
103Kb / 2P
Air solenoid valve
More results

Similar Description - 575618

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com