Electronic Components Datasheet Search
  English  ▼

X  

ICS843256 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS843256
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843256 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS843256 Datasheet HTML 2Page - Integrated Circuit Systems ICS843256 Datasheet HTML 3Page - Integrated Circuit Systems ICS843256 Datasheet HTML 4Page - Integrated Circuit Systems ICS843256 Datasheet HTML 5Page - Integrated Circuit Systems ICS843256 Datasheet HTML 6Page - Integrated Circuit Systems ICS843256 Datasheet HTML 7Page - Integrated Circuit Systems ICS843256 Datasheet HTML 8Page - Integrated Circuit Systems ICS843256 Datasheet HTML 9Page - Integrated Circuit Systems ICS843256 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
843256AM
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 29, 2005
6
Integrated
Circuit
Systems, Inc.
ICS843256
FEMTOCLOCKS™CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PRELIMINARY
TYPICAL PHASE NOISE AT 125MHZ @ 3.3V
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
-200
125MHz
RMS Phase Jitter (Random)
1.875MHz to 20MHz = 0.33ps (typical)
OFFSET FREQUENCY (HZ)
Phase Noise Result by adding
Ethernet Filter to raw data
Raw Phase Noise Data
Ethernet Filter
10
100
1k
10k
100k
1M
10M
100M
TYPICAL PHASE NOISE AT 125MHZ @ 3.3V/2.5V
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
-200
125MHz
RMS Phase Jitter (Random)
1.875MHz to 20MHz = 0.32ps (typical)
OFFSET FREQUENCY (HZ)
Phase Noise Result by adding
Ethernet Filter to raw data
Raw Phase Noise Data
Ethernet Filter
10
100
1k
10k
100k
1M
10M
100M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com