Electronic Components Datasheet Search
  English  ▼

X  

CDB5340 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CDB5340
Description  The CDB5340 evaluation board is an excellent means for quickly evaluating the CS5340 24-bit, stereo A/D converter.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5340 Datasheet(HTML) 3 Page - Cirrus Logic

  CDB5340 Datasheet HTML 1Page - Cirrus Logic CDB5340 Datasheet HTML 2Page - Cirrus Logic CDB5340 Datasheet HTML 3Page - Cirrus Logic CDB5340 Datasheet HTML 4Page - Cirrus Logic CDB5340 Datasheet HTML 5Page - Cirrus Logic CDB5340 Datasheet HTML 6Page - Cirrus Logic CDB5340 Datasheet HTML 7Page - Cirrus Logic CDB5340 Datasheet HTML 8Page - Cirrus Logic CDB5340 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS601DB1
3
CDB5340
1. CDB5340 SYSTEM OVERVIEW
The CDB5340 evaluation board is an excellent means of quickly evaluating the CS5340. The
CS8406 digital audio interface transmitter provides an easy interface to digital audio signal ana-
lyzers including the majority of digital audio test equipment.
The CDB5340 schematic has been partitioned into 5 schematics shown in Figure 2 through
Figure 6. Each partitioned schematic is represented in the system diagram shown in Figure 1.
Notice
that
the
system
diagram
also
includes
the
interconnections
between
the
partitioned schematics.
2. CS8406 DIGITAL AUDIO TRANSMITTER
The system generates and encodes standard S/PDIF data using a CS8406 Digital Audio Trans-
mitter (see Figure 5). The outputs of the CS8406 are RS422 compatible differential line drivers.
The CS8406 supports both Left Justified and I2S data formats, as determined by the DIP switch,
S2. A description of the CS8406 is included in the CS8406 datasheet.
3. INPUT/OUTPUT FOR CLOCKS AND DATA
The evaluation board has been designed to allow interfacing to external systems via the 10-pin
header, J11. The schematic for the clock/data input/output is shown in Figure 4.
The CDB5340 allows some flexibility as to the generation of the clocks. When the CS5340 and
CS8406 are in slave mode, the SCLK and LRCK must be provided via the header, J11. MCLK
can be generated from the on-board oscillator, Y1 or provided via the header, J11 as determined
by the DIP switch, S2. The on-board oscillator is socketed to allow other frequency oscillators to
be used. Please note that the on-board oscillator must be removed if an external MCLK is pro-
vided through header J11.
4. POWER SUPPLY CIRCUITRY
Power is supplied to the evaluation board by four binding posts (VA/VD, VL, GND, +5V),
see Figure 6. The VA/VD input supplies the VA and VD pins of the CS5340. VL supplies power
to the VL pin of the CS5340 and to the level shifter circuits. The +5V input supplies power to the
digital circuitry and the input amplifiers.
5. GROUNDING AND POWER SUPPLY DECOUPLING
The CS5340 requires careful attention to power supply and grounding arrangements to optimize
performance. Figure 3 details the power distribution used on this board. The decoupling capac-
itors are located as close to the CS5340 as possible. Extensive use of ground plane fill in the
evaluation board yields large reductions in radiated noise.
6. ANALOG INPUT FILTER
The CDB5340 implements a single-ended analog input buffer, as shown in Figure 2. Note that
there is no attenuation or gain associated with the input buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com