Electronic Components Datasheet Search
  English  ▼

X  

ICS844003I Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS844003I
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS844003I Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS844003I Datasheet HTML 1Page - Integrated Circuit Systems ICS844003I Datasheet HTML 2Page - Integrated Circuit Systems ICS844003I Datasheet HTML 3Page - Integrated Circuit Systems ICS844003I Datasheet HTML 4Page - Integrated Circuit Systems ICS844003I Datasheet HTML 5Page - Integrated Circuit Systems ICS844003I Datasheet HTML 6Page - Integrated Circuit Systems ICS844003I Datasheet HTML 7Page - Integrated Circuit Systems ICS844003I Datasheet HTML 8Page - Integrated Circuit Systems ICS844003I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
844003AGI
www.icst.com/products/hiperclocks.html
REV. B AUGUST 25, 2005
1
Integrated
Circuit
Systems, Inc.
ICS844003I
FEMTOCLOCKS™CRYSTAL-TO-LVDS
FREQUENCY SYNTHESIZER
PRELIMINARY
GENERAL DESCRIPTION
The ICS844003I is a 3 differential output LVDS
Synthesizer designed to generate Ethernet refer-
ence clock frequencies and is a member of the
HiPerClocks™ family of high performance clock
solutions from ICS. Using a 31.25MHz or
26.041666MHz, 18pF parallel resonant crystal, the following
frequencies can be generated based on the settings of 4 fre-
quency select pins (DIV_SEL[A1:A0], DIV_SEL[B1:B0]):
625MHz, 312.5MHz, 156.25MHz, and 125MHz. The 844003I
has 2 output banks, Bank A with 1 differential LVDS output
pair and Bank B with 2 differential LVDS output pairs.
The two banks have their own dedicated frequency se-
lect pins and can be independently set for the frequen-
cies mentioned above. The ICS844003I uses ICS’ 3rd gen-
eration low phase noise VCO technology and can achieve
1ps or lower typical rms phase jitter, easily meeting
Ethernet jitter requirements. The ICS844003I is packaged
in a small 24-pin TSSOP package.
FEATURES
• Three LVDS outputs on two banks, A Bank with one LVDS
pair and B Bank with 2 LVDS output pairs
• Using a 31.25MHz or 26.041666MHz crystal, the two
output banks can be independently set for 625MHz,
312.5MHz, 156.25MHz or 125MHz
• Selectable crystal oscillator interface or LVCMOS/LVTTL
single-ended input
• VCO range: 560MHz to 700MHz
• RMS phase jitter @ 156.25MHz (1.875MHz - 20MHz):
0.63ps (typical)
• 3.3V output supply mode
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
HiPerClockS™
ICS
0
1
0
1
Phase
Detector
VCO
560-700MHz
0 = ÷20 (default)
1 = ÷24
0 0
÷1
0 1
÷2 (default)
1 0
÷4
1 1
÷5
0 0
÷1
0 1
÷2
1 0
÷4 (default)
1 1
÷5
FB_DIV
OSC
BLOCK DIAGRAM
CLK_ENA
DIV_SELA[1:0]
VCO_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
XTAL_SEL
FB_DIV
DIV_SELB[1:0]
MR
CLK_ENB
QA0
nQA0
QB0
nQB0
QB1
nQB1
Pulldown
Pulldown
Pullup
Pullup
Pullup
Pullup
PIN ASSIGNMENT
ICS844003I
24-Lead TSSOP
4.40mm x 7.8mm x 0.92mm
package body
G Package
Top View
DIV_SELB0
VCO_SEL
MR
VDDO_A
QA0
nQA0
CLK_ENB
CLK_ENA
FB_DIV
VDDA
VDD
DIV_SELA0
1
2
3
4
5
6
7
8
9
10
11
12
DIV_SELB1
VDDO_B
QB0
nQB0
QB1
nQB1
XTAL_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
GND
DIV_SELA1
24
23
22
21
20
19
18
17
16
15
14
13
Pulldown
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS844003I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844003I-01 ICST-ICS844003I-01 Datasheet
194Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A MAY 31, 2005
More results

Similar Description - ICS844003I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844003I-01 ICST-ICS844003I-01 Datasheet
194Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A MAY 31, 2005
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
ICS844008-16 ICST-ICS844008-16 Datasheet
144Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A FEBRUARY 1, 2006
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002 IDT-ICS844002 Datasheet
339Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844004-104 IDT-ICS844004-104 Datasheet
925Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844008I IDT-ICS844008I Datasheet
633Kb / 18P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com