Electronic Components Datasheet Search
  English  ▼

X  

ICS844004AI04 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS844004AI04
Description  FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-LVDS FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS844004AI04 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS844004AI04 Datasheet HTML 5Page - Integrated Circuit Systems ICS844004AI04 Datasheet HTML 6Page - Integrated Circuit Systems ICS844004AI04 Datasheet HTML 7Page - Integrated Circuit Systems ICS844004AI04 Datasheet HTML 8Page - Integrated Circuit Systems ICS844004AI04 Datasheet HTML 9Page - Integrated Circuit Systems ICS844004AI04 Datasheet HTML 10Page - Integrated Circuit Systems ICS844004AI04 Datasheet HTML 11Page - Integrated Circuit Systems ICS844004AI04 Datasheet HTML 12Page - Integrated Circuit Systems ICS844004AI04 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
844004AGI-04
www.icst.com/products/hiperclocks.html
REV. A JANUARY 26, 2006
10
Integrated
Circuit
Systems, Inc.
ICS844004I-04
FEMTOCLOCKS™CRYSTAL/LVCMOS-TO-
LVDS FREQUENCY SYNTHESIZER
PRELIMINARY
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS844004I-04.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS844004I-04 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
DD = 3.3V + 5% = 3.465V, which gives worst case results.
• Power (core)
MAX = VDD_MAX * (IDD_MAX + IDDA_MAX) = 3.465V * (80mA + 8mA) = 304.92mW
• Power (outputs)
MAX = VDDO_MAX * IDDO_MAX = 3.465V * 87mA = 301.45mW
Total Power
_MAX = 304.92mW + 301.45mW = 606.37mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability
of the device. The maximum recommended junction temperature for HiPerClockSTM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
q
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used.
Assuming a moderate air flow of 1 meter per second and a multi-layer board, the appropriate value is 65°C/W per Table 7
below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.606W * 65°C/W = 124°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air
flow, and the type of board (single layer or multi-layer).
TABLE 7. THERMAL RESISTANCE
θθθθθ
JA
FOR
24-LEAD TSSOP, FORCED CONVECTION
θθθθθ
JA by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
70°C/W
65°C/W
62°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com