Electronic Components Datasheet Search
  English  ▼

X  

ICS844004I Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS844004I
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS844004I Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS844004I Datasheet HTML 4Page - Integrated Circuit Systems ICS844004I Datasheet HTML 5Page - Integrated Circuit Systems ICS844004I Datasheet HTML 6Page - Integrated Circuit Systems ICS844004I Datasheet HTML 7Page - Integrated Circuit Systems ICS844004I Datasheet HTML 8Page - Integrated Circuit Systems ICS844004I Datasheet HTML 9Page - Integrated Circuit Systems ICS844004I Datasheet HTML 10Page - Integrated Circuit Systems ICS844004I Datasheet HTML 11Page - Integrated Circuit Systems ICS844004I Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
844004AGI
www.icst.com/products/hiperclocks.html
REV. A JUNE 15, 2005
8
Integrated
Circuit
Systems, Inc.
ICS844004I
FEMTOCLOCKS™CRYSTAL-TO-
LVDS FREQUENCY SYNTHESIZER
PRELIMINARY
CRYSTAL INPUT INTERFACE
The ICS844004I has been characterized with 18pF parallel
resonant crystals. The capacitor values shown in
Figure 2
Figure 2. CRYSTAL INPUt INTERFACE
below were determined using a 26.5625MHz 18pF parallel
resonant crystal and were chosen to minimize the ppm error.
ICS844004I
C1
33p
X1
18pF Parallel Crystal
C2
27p
XTAL_OUT
XTAL_IN
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS844004I provides
separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
DD, VDDA, and VDDO
should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required.
Figure 1 illustrates how
a 10
Ω resistor along with a 10µF and a .01μF bypass
capacitor should be connected to each V
DDA.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
DDA
10
μF
.01
μF
3.3V or 2.5V
.01
μF
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com