Electronic Components Datasheet Search
  English  ▼

X  

MAX40111 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX40111
Description  Accommodates Multiple Op Amp Configurations
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40111 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX40111 Datasheet HTML 1Page - Maxim Integrated Products MAX40111 Datasheet HTML 2Page - Maxim Integrated Products MAX40111 Datasheet HTML 3Page - Maxim Integrated Products MAX40111 Datasheet HTML 4Page - Maxim Integrated Products MAX40111 Datasheet HTML 5Page - Maxim Integrated Products MAX40111 Datasheet HTML 6Page - Maxim Integrated Products MAX40111 Datasheet HTML 7Page - Maxim Integrated Products MAX40111 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX40111
MAX40111 Evaluation Kit
MAX40111 EV Kit Bill of Materials
ITEM
REF_DES
DNI/DNP QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
C1, C7
—
2
C0603X7R500103JNP;
C0603C103J5RAC
VENKEL LTD;
KEMET
0.01UF
CAP; SMT (0603); 0.01UF; 5%; 50V; X7R; CERAMIC
2
C2, C10
—
2
GRM31CR71H475KA12;
GRJ31CR71H475KE11;
GXM31CR71H475KA10;
UMK316AB7475KL
MURATA;
MURATA;
MURATA;
TAIYO YUDEN
4.7UF
CAP; SMT (1206); 4.7UF; 10%; 50V; X7R; CERAMIC
3
GND, TP0_GND,
TP4_GND-TP6_GND
—
5
5011
KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN; TOTAL LENGTH=0.445IN;
BOARD HOLE=0.063IN; BLACK;
PHOSPHOR BRONZE WIRE SILVER PLATE FINISH;
4
JU1, JU2, JU4
—
3
PCC02SAAN
SULLINS
PCC02SAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY;
STRAIGHT THROUGH; 2PINS; -65 DEGC TO +125 DEGC
5
JU3
—
1
PCC03SAAN
SULLINS
PCC03SAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY;
STRAIGHT THROUGH; 3PINS; -65 DEGC TO +125 DEGC
6
MH1-MH4
—
4
9032
KEYSTONE
9032
MACHINE FABRICATED; ROUND-THRU HOLE SPACER;
NO THREAD; M3.5; 5/8IN; NYLON
7
R1
—
1
CRCW06031K00FK;
ERJ-3EKF1001;
CR0603AFX-1001ELF
VISHAY; PANASONIC;BOURNS
1K
RES; SMT (0603); 1K; 1%; +/-100PPM/DEGC; 0.1000W
8
R2, R6,
R8, R12
—
4
RC1608J000CS;
CR0603-J/-000ELF;
RC0603JR-070RL
SAMSUNG ELECTRONICS;BOURNS;YAGEO PH
0
RES; SMT (0603); 0; 5%; JUMPER; 0.1000W
9
R5
—
1
CRCW060310K0FK;
ERJ-3EKF1002;
AC0603FR-0710KL;
RMCF0603FT10K0
VISHAY DALE;PANASONIC;YAGEO
10K
RES; SMT (0603); 10K; 1%; +/-100PPM/DEGC; 0.1000W
10
SU1-SU4
—
4
S1100-B;
SX1100-B;
STC02SYAN
KYCON;KYCON;SULLINS ELECTRONICS CORP.
SX1100-B
TEST POINT; JUMPER; STR; TOTAL LENGTH=0.24IN;
BLACK; INSULATION=PBT;
PHOSPHOR BRONZE CONTACT=GOLD PLATED
11
TP1, TP2
—
2
5000
KEYSTONE
N/A
TEST POINT; PIN DIA=0.1IN; TOTAL LENGTH=0.3IN;
BOARD HOLE=0.04IN; RED;
PHOSPHOR BRONZE WIRE SILVER PLATE FINISH;
12
TP_INM,
TP_INP,
TP_OUT
—
3
5012
KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN; TOTAL LENGTH=0.445IN;
BOARD HOLE=0.063IN; WHITE;
PHOSPHOR BRONZE WIRE SILVER PLATE FINISH;
13
U1
—
1
MAX40111ANT+
MAXIM
MAX40111ANT+
EVKIT PART - IC; MAX40111; PACKAGE OUTLINE
DRAWING: 21-100055; PACKAGE CODE: N60C1+1; WLP6
14
VDD, VSS
—
2
5010
KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN; TOTAL LENGTH=0.445IN;
BOARD HOLE=0.063IN; RED; PHOSPHOR BRONZE WIRE SIL;
15
PCB
—
1
MAX40111
MAXIM
PCB
PCB:MAX40111
16
INM, INP,
OUT
DNP
0
CN-BNC-011PG
FIRST TECH ELECTRONICS, CO.
CN-BNC-011PG
CONNECTOR; FEMALE; THROUGH HOLE;
BNC JACK; STRAIGHT; 5PINS
17
C3, C6, C8
DNP
0
N/A
N/A
OPEN
PACKAGE OUTLINE 0603 NON-POLAR CAPACITOR
18
C4, C5, C9
DNP
0
N/A
N/A
SHORT
PACKAGE OUTLINE 0603 NON-POLAR CAPACITOR
19
R3, R4, R7,
R9-R11
DNP
0
N/A
N/A
OPEN
PACKAGE OUTLINE 0603 RESISTOR
36
TOTAL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com