Electronic Components Datasheet Search
  English  ▼

X  

LTC4358 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC4358
Description  40V, 7A Ideal Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4358 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC4358 Datasheet HTML 6Page - Analog Devices LTC4358 Datasheet HTML 7Page - Analog Devices LTC4358 Datasheet HTML 8Page - Analog Devices LTC4358 Datasheet HTML 9Page - Analog Devices LTC4358 Datasheet HTML 10Page - Analog Devices LTC4358 Datasheet HTML 11Page - Analog Devices LTC4358 Datasheet HTML 12Page - Analog Devices LTC4358 Datasheet HTML 13Page - Analog Devices LTC4358 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LTC4451
14
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2021
09/21
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTC4352
Low Voltage Ideal Diode Controller
Controls N-Channel MOSFET, 0V to 40V Operation
LTC4353
Dual Low Voltage Ideal Diode Controller
Controls Two N-Channel MOSFETs, 0V to 40V Operation
LTC4355
High Voltage Ideal Diode-OR and Monitor
Controls Two N-Channel MOSFETs, 0.4µs Turn-Off, 80V Operation
LTC4357
High Voltage Ideal Diode Controller
Controls Single N-Channel MOSFET, 0.5µs Turn-Off, 80V Operation
LTC4358
5A Ideal Diode
Internal N-Channel MOSFET, 9V to 26.5V Operation
LTC4359
Ideal Diode Controller with Reverse Input Protection
Controls N-Channel MOSFET, 4V to 80V Operation, –40V Reverse Input
LTC4371
Dual Negative Voltage Ideal Diode-OR Controller and Monitor Controls Two MOSFETs, 220ns Turn-Off, Withstands > ±300V Transients
LTC4372
Low Quiescent Current Ideal Diode Controller
Controls N-Channel MOSFET, 2.5V to 80V Operation, 5µA Operating Current
LTC4411
2.6A Ideal Diode
Internal N-Channel MOSFET, 2.6V to 5.5V Operation
LTC4412
PowerPath Controller
3V to 28V Input Voltage Range, ThinSOT Package
LTC4413
2.6A Dual Ideal Diode
Internal P-Channel MOSFETs, 2.5V to 5.5V Operation
LTC4415
4A Dual Ideal Diode
Internal P-Channel MOSFETs, 1.7V to 5.5V Operation
LTC4416
36V Low Loss Dual PowerPath Controllers
Designed to Drive Large and Small QG P-Channel MOSFETs, 3.5V to 36V
LTC4450
18V, 12A Ideal Diode
Internal N-Channel MOSFET, 2.75V to 18V Operation
Figure 9. Overvoltage Protector and Ideal Diode Blocks Reverse Input Voltage
VOUT
5A (CLAMPED AT 16V)
VIN
12V
GND
VCC
SHDN#
LTC4451
IN
OUT
CLOAD
22µF
170m ESR
COUT
47nF
D2
MMBD2835
–40V TO 40V DC PROTECTION
D1
SMAJ24C
STATUS
NC
FB
VCC
SNS
LTC4363
STATUS
GATE
SHDN
GND
R1
127k
R2
49.9k
RSENSE
10m
M1
IRLR2908
R3
10
C2
0.1µF
TMR
FLT
ENOUT
R4
57.6k
R5
4.99k
OUT
C1
47nF
FAULT
EXTSHDN
4451 F09
CIN1
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com