Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4359
Description  40V, 7A Ideal Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 3 Page - Analog Devices

  LTC4359 Datasheet HTML 1Page - Analog Devices LTC4359 Datasheet HTML 2Page - Analog Devices LTC4359 Datasheet HTML 3Page - Analog Devices LTC4359 Datasheet HTML 4Page - Analog Devices LTC4359 Datasheet HTML 5Page - Analog Devices LTC4359 Datasheet HTML 6Page - Analog Devices LTC4359 Datasheet HTML 7Page - Analog Devices LTC4359 Datasheet HTML 8Page - Analog Devices LTC4359 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LTC4451
3
Rev. 0
For more information www.analog.com
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VCC = 0V, SHDN# = 12V, IOUT = 50mA, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive, all voltages are referenced to
GND unless otherwise specified.
Note 3: This voltage is set by the MOSFET’s body diode and will safely
exceed 0.4V during start-up for a limited time determined by the body
diode thermal dissipation.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage Range
2.75V < VCC < 5.5V
l
l
0
2.75
40
40
V
V
IIN
VIN Net Current
VIN = 2.75V, VCC = 5.5V
SHDN# = 0V, IOUT = 10µA
l
l
l
20
0.5
0.8
45
5
5
µA
µA
µA
VCC
Operating Supply Range
l
2.75
5.5
V
ICC
VCC Current
VIN = 2.75V, VCC = 5.5V
VIN = 12V, VCC = 5.5V
SHDN# = 0V, IOUT = 10µA, VIN = 0V, VCC = 5.5V
l
l
l
20
0
0.8
45
1
2.5
µA
µA
µA
IREV
N-Channel Reverse Leakage Current
VIN = 0V, VOUT = 40V
10
µA
RDS(ON)
N-Channel MOSFET On Resistance
IOUT = 8A
l
21
45
mΩ
∆VFWD
Forward Regulation Voltage (VIN − VOUT)
l
5
15
25
mV
∆VBODY
Body Diode Forward Voltage Drop
SHDN# = 0V
l
0.25
0.6
0.95
V
tON
Fast Turn-On Time
IOUT Steps 50mA to 6A, VIN – VOUT Settles
within 25mV of IOUT • RDS(ON)
l
0.3
1
µs
tOFF
Fast Turn-Off Time
VFWD = 15mV Step to –500mV, Reverse Current
< 40mA
l
1
2
µs
tSTART
Start-Up Time
SHDN# Rising Edge to (VIN – VOUT) < 200mV
l
250
550
µs
tSHDN#
SHDN# Turn-Off Delay
SHDN# Falling Edge to STATUS Falling Edge
l
10
20
µs
VSHDN#(TH)
SHDN# Falling Threshold
SHDN# Falling
l
0.4
0.85
1.3
V
VSHDN#(HYS) SHDN# Hysteresis
70
mV
VSTATUS(VOL) STATUS Output Voltage Low
ISTATUS = 1mA, SHDN# = 0V
ISTATUS = 3mA, SHDN# = 0V
l
l
0.25
0.7
0.5
1.4
V
V
ILEAK
SHDN#, STATUS Leakage Current
V = 40V
l
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com