Electronic Components Datasheet Search
  English  ▼

X  

MAX40026 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX40026
Description  Fast Propagation Delay: 280ps typ
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40026 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX40026 Datasheet HTML 1Page - Maxim Integrated Products MAX40026 Datasheet HTML 2Page - Maxim Integrated Products MAX40026 Datasheet HTML 3Page - Maxim Integrated Products MAX40026 Datasheet HTML 4Page - Maxim Integrated Products MAX40026 Datasheet HTML 5Page - Maxim Integrated Products MAX40026 Datasheet HTML 6Page - Maxim Integrated Products MAX40026 Datasheet HTML 7Page - Maxim Integrated Products MAX40026 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX40026
MAX40026 Evaluation Kit
ITEM
REF_DES
DNI/DNP QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
COMMENTS
1
C1
-
1
C0402C101J5GAC;NMC0402NPO101J;
CC0402JRNPO9BN101;
GRM1555C1H101JA01;
C1005C0G1H101J050;
CGA2B2C0G1H101J050BA
KEMET;NIC COMPONENTS CORP.;
YAGEO PHICOMP;MURATA;TDK;TDK
100PF
CAPACITOR; SMT (0402); CERAMIC CHIP; 100PF;
50V; TOL=5%; TG=-55 DEGC TO +125 DEGC; TC=C0G
2
C2-C5
-
4 CGA2B3X7R1H104K;C1005X7R1H104K050BB;
GRM155R71H104KE14;GCM155R71H104KE02
TDK;TDK;MURATA;MURATA
0.1UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 0.1UF;
50V; TOL=10%; TG=-55 DEGC TO +125 DEGC; TC=X7R
3
C6
-
1 C1005X5R1V225M050BC
TDK
2.2UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 2.2UF; 35V;
TOL=20%; MODEL=C SERIES; TG=-55 DEGC TO +85 DEGC;
TC=X5R
4
GND, GND1,
V1_SUPPLY
-
3 9020 BUSS
WEICO WIRE
MAXIMPAD
EVK KIT PARTS; MAXIM PAD; WIRE; NATURAL;
SOLID; WEICO WIRE; SOFT DRAWN BUS TYPE-S; 20AWG
5
J1-J6
-
6 32K243-40ML5
ROSENBERGER
32K243-40ML5 CONNECTOR; FEMALE; SMT; SMA JACK PCB;
RIGHT ANGLE; 2PINS
6
L1
-
1 BLM15PX601SN1
MURATA
600 INDUCTOR; SMT (0402); FERRITE-BEAD; 600;
TOL=+/-25%; 0.9A
7
MH1-MH4
-
4
9032 KEYSTONE
9032 MACHINE FABRICATED; ROUND-THRU
HOLE SPACER; NO THREAD; M3.5; 5/8IN; NYLON
8
R2, R3, R5, R6
-
4 RC0402JR-070RL; CR0402-16W-000RJT
YAGEO PHYCOMP;VENKEL LTD.
0 RESISTOR; 0402; 0 OHM; 5%; JUMPER;
0.063W; THICK FILM
9
U1
-
1 MAX40026ATA/VY+
MAXIM
MAX40026
EVKIT PART - IC; MAX40026; PACKAGE OUTLINE: 21-100185;
PACKAGE CODE: T822Y+3; TDFN8-EP
10
PCB
-
1 MAX40026
MAXIM
PCB
PCB:MAX40026
-
11
R1
DNP
0 CRCW0402100RFK; 9C04021A1000FL;
RC0402FR-07100RL
VISHAY DALE;PANASONIC;
YAGEO PHYCOMP
100 RESISTOR; 0402; 100 OHM; 1%; 100PPM; 0.063W;
THICK FILM
12
R4
DNP
0 CRCW04021K00FK; RC0402FR-071KL
VISHAY DALE;YAGEO PHICOMP
1K
RESISTOR; 0402; 1K; 1%; 100PPM; 0.0625W; THICK FILM
TOTAL
26
MAX40026 EV Kit Bill of Materials



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com