Electronic Components Datasheet Search
  English  ▼

X  

MAX40016 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX40016
Description  Integrated Current Sense Element
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40016 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX40016 Datasheet HTML 1Page - Maxim Integrated Products MAX40016 Datasheet HTML 2Page - Maxim Integrated Products MAX40016 Datasheet HTML 3Page - Maxim Integrated Products MAX40016 Datasheet HTML 4Page - Maxim Integrated Products MAX40016 Datasheet HTML 5Page - Maxim Integrated Products MAX40016 Datasheet HTML 6Page - Maxim Integrated Products MAX40016 Datasheet HTML 7Page - Maxim Integrated Products MAX40016 Datasheet HTML 8Page - Maxim Integrated Products MAX40016 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX40016
MAX40016 Evaluation Kit
MAX40016 EV Kit Bill of Materials
ITEM
REF_DES
DNI/DNP
QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
C8, C11
-
2
GRM31CR71C106KAC7;
GRM31CR71C106KA12
MURATA
10µF
CAPACITOR; SMT (1206); CERAMIC CHIP; 10µF;
16V; TOL = 10%; TG = -55°C TO +125°C; TC = X7R
2
C9, C10
-
2
C0603C104K5RAC;
C1608X7R1H104K
KEMET; TDK
0.1µF
CAPACITOR; SMT (0603); CERAMIC CHIP; 0.1µF;
50V; TOL = 10%; TG = -55°C TO +125°C; TC = X7R;
3
GND, VDD,
LOAD, TP17
-
4
108-0740-001
EMERSON NETWORK POWER
108-0740-001
CONNECTOR; MALE; PANELMOUNT; BANANA JACK;
STRAIGHT; 1PIN
4
J1-J6
-
6
5-1634503-1
TE CONNECTIVITY
5-1634503-1
CONNECTOR; FEMALE; THROUGH HOLE;
LOW PROFILE BNC PCB SOCKET; STRAIGHT; 5PINS
5
JU0, JU1
-
2
PEC03SAAN
SULLINS
PEC03SAAN
CONNECTOR; MALE; THROUGH HOLE;
BREAKAWAY; STRAIGHT; 3PINS
6
JU2-JU5
-
4
PEC02SAAN
SULLINS
PEC02SAAN
CONNECTOR; MALE; THROUGH HOLE;
BREAKAWAY; STRAIGHT; 2PINS
7
R1
-
1
RG1608P-161-B
SUSUMU
160
RESISTOR; 0603; 160Ω; 0.1%; 25PPM; 0.1W; THIN FILM
8
R2
-
1
ERA3AEB5361
PANASONIC
5.36K
RESISTOR; 0603; 5.36KΩ; 0.1%; 25PPM; 0.1W; THIN FILM
9
R3
-
1
ERA3AEB164
PANASONIC
160K
RESISTOR; 0603; 160KΩ; 0.1%; 25PPM; 0.1W; THIN FILM
10
R4
-
1
CRCW060310K0FK;
ERJ-3EKF1002
VISHAY DALE;
PANASONIC
10K
RESISTOR; 0603; 10K; 1%; 100PPM; 0.10W; THICK FILM
11
R5
-
1
CRCW06030000ZS;
MCR03EZPJ000;
ERJ-3GEY0R00
VISHAY DALE/ROHM/
PANASONIC
0
RESISTOR; 0603; 0Ω; 0%; JUMPER; 0.10W; THICK FILM
12
TP1, TP2,
TP4-TP7,
TP15, TP16
-
8
5011
KEYSTONE
N/A
TEST POINT; PIN DIA = 0.125IN; TOTAL LENGTH = 0.445IN;
BOARD HOLE = 0.063IN; BLACK;
PHOSPHOR BRONZE WIRE SILVER PLATE FINISH;
13
U1
-
1
MAX40016ANL+
MAXIM
MAX40016ANL+
EVKIT PART-IC; MAX40016ANL+;
PACKAGE OUTLINE: 21-100213;
PACKAGE CODE: N151B1+1; WLP15
14
VLD, VDD1, VISH,
VISL, VISM, VOUT,
VSEL0, VSEL1
-
8
5010
KEYSTONE
N/A
TESTPOINT WITH 1.80MM HOLE DIA,
RED, MULTIPURPOSE;
15
PCB
-
1
MAX40016
MAXIM
PCB
PCB:MAX40016
16
C1-C5
DNP
0
C0603C102K5RAC;
GRM188R71H102KA01;
C0603X7R500-102KNE
KEMET/MURATA/
VENKEL
1000PF
CAPACITOR; SMT; 0603; CERAMIC; 1000pF; 50V;
10%; X7R; -55°C to +125°C; ±15% from -55°C to +125°C
17
C6, C7, C12, C13
DNP
0
GRM31CR71C106KAC7;
GRM31CR71C106KA12
MURATA
10µF
CAPACITOR; SMT (1206); CERAMIC CHIP; 10µF;
16V; TOL = 10%; TG = -55°C TO +125°C; TC = X7R
43
TOTAL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com