Electronic Components Datasheet Search
  English  ▼

X  

MAX17608 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17608
Description  4.5V to 60V, 1A Current Limiter with OV, UV, and Reverse Protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17608 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17608 Datasheet HTML 1Page - Maxim Integrated Products MAX17608 Datasheet HTML 2Page - Maxim Integrated Products MAX17608 Datasheet HTML 3Page - Maxim Integrated Products MAX17608 Datasheet HTML 4Page - Maxim Integrated Products MAX17608 Datasheet HTML 5Page - Maxim Integrated Products MAX17608 Datasheet HTML 6Page - Maxim Integrated Products MAX17608 Datasheet HTML 7Page - Maxim Integrated Products MAX17608 Datasheet HTML 8Page - Maxim Integrated Products MAX17608 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
General Description
The Olympus series of ICs are the industry’s smallest
and robust integrated system protection solutions. The
MAX17608/MAX17609/MAX17610 adjustable overvoltage
and overcurrent protection devices are ideal to protect
systems against positive and negative input voltage faults up
to +60V and -65V, and feature low 260mΩ (typ) RON FETs.
The adjustable input overvoltage protection range is 5.5V
to 60V and the adjustable input undervoltage protection
range is 4.5V to 59V. The input overvoltage-lockout
(OVLO) and undervoltage-lockout (UVLO) thresholds are
set using external resistors. Additionally, the devices offer
an internal input undervoltage threshold at 4V (typ).
The devices feature programmable current-limit protection
up to 1A; hence, controlling the inrush current at startup
while charging high capacitances at the output. Current-
limit threshold is programmed by connecting a resistor from
the SETI pin to GND. When the device current reaches
the programmed threshold, the device prevents further
increases in current by modulating the FET resistance. The
devices can be programmed to behave in three different
ways under current-limit condition: Autoretry, Continous, or
Latch-off modes. The voltage appearing on the SETI pin is
proportional to the instantaneous current flowing through
the device and is read by an ADC.
MAX17608 and MAX17610 block current flowing in the
reverse direction (i.e., from OUT to IN) whereas MAX17609
allows current flow in the reverse direction. The devices
feature thermal shutdown protection against excessive
power dissipation.
The devices are available in a small, 12-pin (3mm x 3mm)
TDFN-EP package. The devices operate over the -40°C to
+125°C extended temperature range.
Applications
● Sensor Systems
● Condition Monitoring
● Factory Sensors
● Process Instrumentation
● Weighing and Batching Systems
● Industrial Applications such as PLC, Network-Control
Modules, Battery-Operated Modules
Ordering Information appears at end of data sheet.
19-100228; Rev 1; 6/18
Benefits and Features
● Robust Protection Reduces System Downtime
• Wide Input-Supply Range: +4.5V to +60V
• Hot Plug-in Tolerant Without TVS up to 35V Input
Supply
• Negative Input Tolerance to -65V
• Low RON 260mΩ (typ)
• Reverse Current-Blocking Protection
• Thermal Overload Protection
• Extended -40°C to +125°C Temperature Range
• MAX17608 Enables OV, UV, and Reverse Voltage
Protection
• MAX17609 Enables OV and UV Protection
• MAX17610 Enables Reverse Voltage Protection
● Flexible Design Options Enable Reuse and Less
Requalification
• Adjustable OVLO and UVLO Thresholds
• Programmable Forward-Current Limit: 0.1A to 0.2A
with ±5% Accuracy and 0.2A to 1.0A with ±3%
Accuracy Over Full Temperature Range
• Programmable Overcurrent Fault Response:
Autoretry, Continuous, and Latch-Off Modes
• Smooth Current Transitions
● Saves Board Space and Reduces External BOM
Count
• 12-Pin, 3mm x 3mm, TDFN-EP Package
• Integrated FETs
MAX17608/MAX17609/
MAX17610
4.5V to 60V, 1A Current Limiter
with OV, UV, and Reverse Protection
EVALUATION KIT AVAILABLE
Click
here for production status of specific part numbers.


Similar Part No. - MAX17608

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17608EVKIT MAXIM-MAX17608EVKIT Datasheet
772Kb / 9P
MAX17608 ??4.5V to 60V, 1A, OV, UV, Reverse-Voltage Protector with Forward/Reverse Current Limit
Rev 0; 1/18
More results

Similar Description - MAX17608

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17613A MAXIM-MAX17613A Datasheet
827Kb / 28P
4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 2/19
MAX17613AEVKIT MAXIM-MAX17613AEVKIT Datasheet
699Kb / 12P
MAX17613A - 4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 4/19
MAX17612CEVKIT MAXIM-MAX17612CEVKIT Datasheet
443Kb / 8P
MAX17612C 4.5V to 60V, 250mA, Current-Limiter with Reverse Protection
Rev 0; 9/18
MAX17612BEVKIT MAXIM-MAX17612BEVKIT Datasheet
729Kb / 9P
MAX17612B 4.5V to 60V, 250mA, Current-Limiter with OV, UV Protection
Rev 0; 9/18
MAX17612AEVKIT MAXIM-MAX17612AEVKIT Datasheet
785Kb / 9P
MAX17612A 4.5V to 60V, 250mA, Current-Limiter with OV, UV, and Reverse Protection
Rev 1; 8/18
MAX17608EVKIT MAXIM-MAX17608EVKIT Datasheet
772Kb / 9P
MAX17608 ??4.5V to 60V, 1A, OV, UV, Reverse-Voltage Protector with Forward/Reverse Current Limit
Rev 0; 1/18
MAX17526AEVKIT MAXIM-MAX17526AEVKIT Datasheet
960Kb / 12P
MAX17526A ??5.5V to 60V, 6A Current Limiter with OV, UV, Reverse Protection, and Power Limit
Rev 0; 6/18
MAX17526A MAXIM-MAX17526A Datasheet
772Kb / 27P
5.5V to 60V, 6A Current-Limiter with OV, UV, Reverse Protection, and Power Limit
Rev 1; 11/18
MAX17612A MAXIM-MAX17612A Datasheet
585Kb / 21P
4.5V to 60V, 250mA Current-Limiter with OV, UV, and Reverse Protection
19-100363; Rev 0; 6/18
MAX17526A MAXIM-MAX17526A_V01 Datasheet
994Kb / 27P
5.5V to 60V, 6A Current-Limiter with OV, UV, Reverse Protection, and Power Limit
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com