Electronic Components Datasheet Search
  English  ▼

X  

MAX17610 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17610
Description  4.5V to 60V, 1A Current Limiter with OV, UV, and Reverse Protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17610 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17610 Datasheet HTML 1Page - Maxim Integrated Products MAX17610 Datasheet HTML 2Page - Maxim Integrated Products MAX17610 Datasheet HTML 3Page - Maxim Integrated Products MAX17610 Datasheet HTML 4Page - Maxim Integrated Products MAX17610 Datasheet HTML 5Page - Maxim Integrated Products MAX17610 Datasheet HTML 6Page - Maxim Integrated Products MAX17610 Datasheet HTML 7Page - Maxim Integrated Products MAX17610 Datasheet HTML 8Page - Maxim Integrated Products MAX17610 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
(VIN = +4.5 to +60V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VIN = +24V, TA= +25°C, RSETI = 1.5kΩ.)
(Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OVLO Adjustment Range
(Note 4)
5.5
60
V
UVLO Adjustment Range
(Note 4)
4.5
59
V
Internal POR
3.0
4.3
V
INTERNAL FETs
Internal FETs On-Resistance
RON
ILOAD = 100mA, VIN ≥ 8V
260
490
mΩ
Current-Limit Adjustment Range
ILIM
(Note 5)
0.1
1
A
Current-Limit Accuracy
100mA ≤ ILIM ≤ 200mA
-5
+5
%
200mA ≤ ILIM ≤ 1.0A
-3
+3
FLAG
Assertion Drop-Voltage
Threshold
VFA
Increase (VIN - VOUT) drop until FLAG
asserts, VIN = 24V, IIN = 10mA
370
470
570
mV
Reverse Current-Blocking
Slow Threshold
VRIBS
(VOUT - VIN). (MAX17608, MAX17610
only)
2
11
20
mV
Reverse Current-Blocking
Debounce Blanking Time
tDEBRIB
(MAX17608, MAX17610 only)
100
140
180
μs
Reverse Current-Blocking
Powerup Blanking Time
tBLKRIB
(MAX17608, MAX17610 only)
14.4
16.0
17.6
ms
Reverse Current-Blocking
Fast Threshold
VRIBF
(VOUT -VIN). (MAX17608, MAX17610
only)
70
105
140
mV
Reverse Current-Blocking
Fast-Response Time
tRIB
IREVERSE = 20A, (MAX17608,
MAX17610 only) (Note 6)
150
230
ns
Reverse-Blocking Supply
Current
IRBL
Current into OUT when (VOUT - VIN) >
130mV. (MAX17608, MAX17610 only)
0.89
1.25
mA
SETI
RSETI × ILIM
VRI
1.5
V
Current-Mirror Output Ratio
CIRATIO
100mA ≤ IIN ≤ 200mA
950
1000
1050
A/A
200mA ≤ IIN ≤ 1.0A
970
1000
1030
Internal SETI Clamp
5mA into SETI
1.6
2.2
V
SETI Leakage Current
VSETI = 1.6V
-0.1
0.1
μA
LOGIC INPUT
EN Input-Logic High
VIH
1.4
V
EN Input-Logic Low
VIL
0.4
V
EN Pullup Voltage
EN pin unconnected. VIN = 60V
2
V
EN Input Current
VEN = 5.5V
60
92
μA
EN Pullup Current
VEN = 0.4V
1.0
3.0
8.0
μA
CLMODE Input-Logic High
2.0
3.8
4.9
V
CLMODE Input-Logic Low
0.25
0.60
0.95
V
CLMODE Pullup Input Current
8
10
12
µA
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 4
MAX17608/MAX17609/
MAX17610
4.5V to 60V, 1A Current Limiter
with OV, UV, and Reverse Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com