Electronic Components Datasheet Search
  English  ▼

X  

MAX16927 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16927
Description  Automotive TFT-LCD Power Supply with Boost, Buck, and Cuk Converters, VCOM Buffers, Gate Drivers, and SPI Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16927 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16927 Datasheet HTML 1Page - Maxim Integrated Products MAX16927 Datasheet HTML 2Page - Maxim Integrated Products MAX16927 Datasheet HTML 3Page - Maxim Integrated Products MAX16927 Datasheet HTML 4Page - Maxim Integrated Products MAX16927 Datasheet HTML 5Page - Maxim Integrated Products MAX16927 Datasheet HTML 6Page - Maxim Integrated Products MAX16927 Datasheet HTML 7Page - Maxim Integrated Products MAX16927 Datasheet HTML 8Page - Maxim Integrated Products MAX16927 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
(VIN3 = 12V, VINA = 3.3V, TA = TJ = -40°C to +105°C, unless otherwise noted. Typical values are at TA = TJ = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
LXP, LXN Current Limit
ILIM
VVSH = 16V, VVSL = -12V, VSHLIM[1:0]
= VSLLIM[1:0] = 00, default; see the
Applications Information section for SPI
programming of other values
1.3
1.56
1.87
A
LXP, LXN On-Resistance
RDS_ON
ILX_ = 100mA
340
500
mΩ
LXP, LXN Leakage Current
ILEAK_LX VLX_ = 20V, TA = +25°C
10
20
µA
Soft-Start Current
VVSH = 16V, VVSL = -12V, VSHLIM66
= VSLLIM66 = 0, default; see the
Applications Information section for SPI
programming of other values
1.3
1.56
1.87
A
Soft-Start Voltage Ramp Time
13.5
ms
FBP/FBN to COMPP/COMPN
Transconductance
∆I = ±2.5µA at COMPP/COMPN
400
µS
Internal Slope Compensation
1.5
A/µs
BOOST CONVERTER (VSH)
Output Voltage Range
VVSH
VINA
18
V
FBP Regulation Voltage
VFBP
VINA = 3V to 5.5V
0.98
1
1.02
V
PGOOD Threshold
PGTSH
Measured on FBP
850
mV
FBP Load Regulation
0 < ILOAD < full load
-1
%
FBP Line Regulation
VINA = 3V to 5.5V
0.1
%/V
FBP Input-Bias Current
VFBP = 1V, TA = +25°C
1
µA
CUK CONVERTER (VSL)
VSL Output Voltage Range
VVSL
Using Cuk topology
-12
-4.5
V
FBN Regulation Voltage
VFBN
Voltage that appears across feedback
resistors connected between REF and FBN,
VINA = 3V to 5.5V
0.98
1
1.02
V
PGOOD Threshold
PGTSL
Measured on FBN, value referred to GND
400
mV
FBN Load Regulation
1
%
FBN Line Regulation
VINA = 3V to 5.5V
0.3
%/V
FBN Input-Bias Current
VFBN = 0.25V, TA = +25°C
±1
µA
FBN Threshold Voltage for
High-Power Boost Mode
VFBN
LXN and LXP connected together for 2x
output current capability
2.5
V
VGH LINEAR REGULATOR
Output-Voltage Range
VVGH
VVCP = 23V, ILOAD = 20mA
5
21
V
VGH Output Current
IVGH
VVCP - VVGH = 2V
20
mA
FBGH Regulation Voltage
VFBGH
IVGH = 1mA
0.77 x
VREF
0.80 x
VREF
0.83 x
VREF
V
PGOOD Threshold
PGTGH
Measured on FBGH, VVGH rising
850
mV
MAX16927
Automotive TFT-LCD Power Supply
with Boost, Buck, and Cuk Converters,
VCOM Buffers, Gate Drivers, and SPI Interface
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com