Electronic Components Datasheet Search
  English  ▼

X  

MAX14722 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14722
Description  High-Accuracy, Adjustable Power Limiter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14722 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14722 Datasheet HTML 1Page - Maxim Integrated Products MAX14722 Datasheet HTML 2Page - Maxim Integrated Products MAX14722 Datasheet HTML 3Page - Maxim Integrated Products MAX14722 Datasheet HTML 4Page - Maxim Integrated Products MAX14722 Datasheet HTML 5Page - Maxim Integrated Products MAX14722 Datasheet HTML 6Page - Maxim Integrated Products MAX14722 Datasheet HTML 7Page - Maxim Integrated Products MAX14722 Datasheet HTML 8Page - Maxim Integrated Products MAX14722 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX14721–MAX14723 adjustable overvoltage,
undervoltage, and overcurrent protection devices guard
systems against overcurrent faults in addition to positive
overvoltage and reverse-voltage faults. When used with
an optional external p-channel MOSFET, the devices also
protect downstream circuitry from voltage faults up to
+60V, -60V (for -60V external pFET rating). The devices
feature a low, 76mΩ, on-resistance integrated FET.
During startup, the devices are designed to charge large
capacitances on the output in a continuous mode for
applications where large reservoir capacitors are used
on the inputs to downstream devices. Additionally, the
MAX14721–MAX14723 feature a dual-stage, current-limit
mode in which the current is continuously limited to 1x,
1.5x, and 2x the programmed limit, respectively, for a
short time after startup. This enables faster charging of
large loads during startup.
The MAX14721–MAX14723 also feature reverse-current
and overtemperature protection. The devices are available
in a 20-pin (5mm x 5mm) TQFN package and operate
over a -40°C to 125°C temperature range.
Applications
Industrial Power Systems
Control and Automation
Motion System Drives
Human Machine Interfaces
High-Power Applications
Benefits and Features
● Robust, High-Power Protection Reduces System
Downtime
• Wide Input Supply Range: +5.5V to +60V
• Programmable Input Supply Overvoltage Setting
Up to 40V
• Thermal Foldback Current-Limit Protection
• Negative Input Tolerance to -60V (for -60V External
pFET Rating)
• Low 76mΩ (typ) RON
• Reverse Current-Blocking Protection with External
pFET
● Enables Safer Startup By Preventing Overheating
of FETs
• Dual-Stage Current Limiting
• 1.0x Startup Current (MAX14721)
• 1.5x Startup Current (MAX14722)
• 2.0x Startup Current (MAX14723)
● Flexible Design Enables Reuse and Less
Requalification
• Adjustable OVLO and UVLO Thresholds
• Programmable Forward Current Limit From 0.2A
to 2A with ±15% Accuracy Over Full Temperature
Range
• Normal and High-Voltage Enable Inputs
(EN and HVEN)
• Protected External pFET Gate Drive
● Saves Board Space and Reduces External BOM
Count
• 20-Pin, 5mm x 5mm TQFN Package
• Integrated nFET
Ordering Information appears at end of data sheet.
19-7370; Rev 3; 11/17
MAX14721/
MAX14722/
MAX14723
High-Accuracy, Adjustable Power Limiter
Typical Application Circuit
UVLO
OVLO
CLTS1
HVEN
10kΩ
PROTECTED
POWER
CIN
COUT
HVEN
GND
POWER
*R1, R2, R3, AND R4 ARE ONLY
REQURED FOR ADJUSTABLE UVLO/
OVLO FUNCTIONALITY. OTHERWISE,
TIE THE PIN TO GND TO USE THE
INTERNAL, PREPROGRAMMED
THRESHOLD.
220kΩ
GP
CLTS2
x
R4*
VIN
R1*
R2*
VIN
GND
R3*
VIN
CIN_C
IN
IN IN
OUT
OUT
OUT
SETI
RIPEN
FLAG
EN
SYSTEM
CONTROLLER
ADC
SYSTEM
INPUT
ENB
FAULT
EN
MAX14721–
MAX14723


Similar Part No. - MAX14722

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1472 MAXIM-MAX1472 Datasheet
210Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 0; 5/03
MAX1472 MAXIM-MAX1472 Datasheet
239Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1472 MAXIM-MAX1472 Datasheet
454Kb / 5P
Evaluation Kit
Rev 1; 11/03
MAX1472 MAXIM-MAX1472 Datasheet
223Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
MAX1472 MAXIM-MAX1472 Datasheet
178Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 3; 10/10
More results

Similar Description - MAX14722

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14527 MAXIM-MAX14527 Datasheet
106Kb / 7P
Adjustable Overvoltage Protector with High Accuracy
Rev 0; 10/08
logo
SHANGHAI BELLING CO., L...
BL8598 BELLING-BL8598 Datasheet
552Kb / 6P
Adjustable Overvoltage Protector with High Accuracy
logo
Maxim Integrated Produc...
MAX14571 MAXIM-MAX14571_13 Datasheet
1Mb / 14P
Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
logo
Micrel Semiconductor
MIC2039 MICREL-MIC2039 Datasheet
694Kb / 21P
High-Accuracy, High-Side, Adjustable Current Limit Power Switch
logo
Maxim Integrated Produc...
MAX14691 MAXIM-MAX14691 Datasheet
539Kb / 19P
High-Accuracy, Adjustable Power Limiter
Rev 1; 8/14
logo
Marki Microwave
HLM-40U MARKIMICROWAVE-HLM-40U Datasheet
715Kb / 10P
High Power 40GHz Limiter
logo
Maxim Integrated Produc...
MAX14571 MAXIM-MAX14571_V01 Datasheet
873Kb / 14P
Adjustable Overvoltage and Protectors with High Accuracy
2017
MAX14691 MAXIM-MAX14691_V01 Datasheet
550Kb / 19P
High-Accuracy, Adjustable Power Limiter
2015
MAX14527 MAXIM-MAX14527_V01 Datasheet
127Kb / 7P
Adjustable Overvoltage Protector with High Accuracy
2008
logo
Microchip Technology
MIC2039 MICROCHIP-MIC2039 Datasheet
2Mb / 28P
High-Accuracy, High-Side, Adjustable Current-Limit Power Switch
Revision B (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com