Electronic Components Datasheet Search
  English  ▼

X  

ICS2402 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS2402
Description  Multiplier and Zero Delay Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2402 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS2402 Datasheet HTML 1Page - Integrated Circuit Systems ICS2402 Datasheet HTML 2Page - Integrated Circuit Systems ICS2402 Datasheet HTML 3Page - Integrated Circuit Systems ICS2402 Datasheet HTML 4Page - Integrated Circuit Systems ICS2402 Datasheet HTML 5Page - Integrated Circuit Systems ICS2402 Datasheet HTML 6Page - Integrated Circuit Systems ICS2402 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Multiplier and Zero Delay Buffer
MDS 2402 D
3
Revision 122104
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS2402
External Components
The ICS2402 requires a 0.01µF decoupling capacitor to be connected between VDD and GND. It must be
connected close to the part to minimize lead inductance. No external power supply filtering is required for
this device. A 33
Ω series terminating resistor can be used next to each output pin.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS2402. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Temperature under Bias
-55 to 125
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Power Dissipation
0.5 W
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
°C
Power Supply Voltage (measured in respect to GND)
+4.5
+5.0
+5.5
V
Power Supply Voltage (measured in respect to GND)
+3.15
+3.3
+3.45
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com