Electronic Components Datasheet Search
  English  ▼

X  

ICS2402M Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS2402M
Description  Multiplier and Zero Delay Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2402M Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS2402M Datasheet HTML 1Page - Integrated Circuit Systems ICS2402M Datasheet HTML 2Page - Integrated Circuit Systems ICS2402M Datasheet HTML 3Page - Integrated Circuit Systems ICS2402M Datasheet HTML 4Page - Integrated Circuit Systems ICS2402M Datasheet HTML 5Page - Integrated Circuit Systems ICS2402M Datasheet HTML 6Page - Integrated Circuit Systems ICS2402M Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Multiplier and Zero Delay Buffer
MDS 2402 D
4
Revision 122104
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS2402
DC Electrical Characteristics
VDD = 3.3 V ±5%, Ambient Temperature 0 to +70
°C
VDD = 5 V ±10%, Ambient Temperature 0 to +70
°C
Parameter
Symbol Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.15
3.45
V
Operating Current
IDD
20
mA
Input High Voltage
VIH
ICLK, FBIN, S0
2
V
Input Low Voltage
VIL
ICLK, FBIN, S0
0.8
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Short Circuit Current
IOS
CLK
±50
mA
Input Capacitance
CIN
S0
5
pF
Parameter
Symbol Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
5 V
4.5
5.5
V
Operating Current
IDD
30
mA
Input High Voltage
VIH
ICLK, FBIN, S0
0.7xVDD
V
Input Low Voltage
VIL
ICLK, FBIN, S0
0.2xVDD
V
Output High Voltage
VOH
IOH = -12 mA
4.5
V
Output Low Voltage
VOL
IOL = 12 mA
0.5
V
Short Circuit Current
ISC
Each output
±80
mA
Input Capacitance
CIN
S0
5
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com