Electronic Components Datasheet Search
  English  ▼

X  

ICS3727XPMT Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS3727XPMT
Description  LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS3727XPMT Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS3727XPMT Datasheet HTML 1Page - Integrated Circuit Systems ICS3727XPMT Datasheet HTML 2Page - Integrated Circuit Systems ICS3727XPMT Datasheet HTML 3Page - Integrated Circuit Systems ICS3727XPMT Datasheet HTML 4Page - Integrated Circuit Systems ICS3727XPMT Datasheet HTML 5Page - Integrated Circuit Systems ICS3727XPMT Datasheet HTML 6Page - Integrated Circuit Systems ICS3727XPMT Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
MDS 3727XP A
2
Revision 102004
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS3727XP
PRELIMINARY INFORMATION
Pin Assignment
Pin Descriptions
X1
VDD
VI N
GND
GND
NC
CLK
X2
1
2
3
4
8
7
6
5
I CS3727XP
8- pi n ( 150 mil) SOIC
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
XI
Input
Crystal connection — Connect to the external pullable crystal.
2
VDD
Power
Connect to +3.3 V (0.01uf decoupling capacitor recommended).
3
VIN
Input
Voltage input to VCXO — 0 to 3.3 V analog input which controls the
oscillation frequency of the VCXO.
4
GND
Power
Connect to ground.
5
CLK
Output
Clock output.
6
NC
—
No internal connection (may connect to ground or VDD).
7
GND
Power
Connect to ground.
8
X2
Input
Crystal connection — Connect to the external pullable crystal.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com